Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFE-6 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part No. SFE-6
Description  Automotive Glass Fuses Fast-Acting Fast-Acting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SFE-6 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SFE-6 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automotive Glass Fuses
SFE
Fast-Acting
32 Volts, 4–30 Amps
Form No. SFE
Page 1 of 1
BIF Doc #2059
Bussmann®
12-28-98
SB98107
Rev. A
CATALOG SYMBOL: SFE
FAST-ACTING
4 TO 30 AMPERES
32 VOLTS OR LESS
U.L. LISTED
(GUIDE #FHXT, FILE #AU169)
0.25"
A
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
100
10
1
.1
.01
CURRENT IN AMPERES
AMPERE
RATING
Time-Current Characteristics–Total Clear
Dimensional Data
32 Volts
Catalog
“A”
Symbol &
Length
Amps
Inches
mm
SFE-4
5/8
15.9
SFE-6
3/4
19.0
SFE-7-1/2
7/8
22.2
SFE-9
7/8
22.2
SFE-14
1-1/16
27.0
SFE-20
1-1/4
31.7
SFE-30
1-7/16
36.5
• For automotive circuits.
• Visual indicating glass tubing.
• Made to SAE specifications.
• Physical size varies with electrical rating of fuse to prevent
over-fusing.
• For mounting in in-line holders, and 1/4” clips.
In-line Fuseholders
Catalog Number
Wire
Fuse &
Holder Only
Length
Fuse
Holder (w/leads)
(No Leads)
SFE-20
HRJ
*HHJ-A, HHJ-B
19”
SFE-14
HRI
*HHI-A, HHI-B
(#14
SFE-9
HRH
HHH-A
Wire)
SFE-7-1/2
HRE
HHH-A
SFE-6
HRG
HIG-A
SFE-4
HRF
HIR-A
SFE-20
HMJ
*HDJ-A, HDJ-B
8”
SFE-14
HMI
*HDI-A, HDI-B
(#14
SFE-9
HMH
Wire)
SFE-7-1/2
HME
SFE-6
HMG
SFE-4
HMF
*-A: Crimp connections for #18 - #22 wire.
-B: Crimp connections for #12 - #16 wire.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty
Lbs.
Kg.
SFE-4
100
0.73
0.331
SFE-6
100
0.75
0.340
SFE-7-1/2
100
0.80
0.363
SFE-9
100
0.80
0.363
SFE-14
100
0.82
0.372
SFE-20
100
0.87
0.395
SFE-30
100
1.60
0.762
* Weight per carton.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn