Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 26 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 20Page - Analog Devices AD5678_15 Datasheet HTML 21Page - Analog Devices AD5678_15 Datasheet HTML 22Page - Analog Devices AD5678_15 Datasheet HTML 23Page - Analog Devices AD5678_15 Datasheet HTML 24Page - Analog Devices AD5678_15 Datasheet HTML 25Page - Analog Devices AD5678_15 Datasheet HTML 26Page - Analog Devices AD5678_15 Datasheet HTML 27Page - Analog Devices AD5678_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5678
Rev. C | Page 26 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 51. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 52. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Power-On
Reset to Code
Accuracy
Internal
Reference
AD5678BRUZ-1
−40°C to +105°C
14-Lead TSSOP
RU-14
Zero
±16 LSB INL
1.25 V
AD5678BRUZ-1REEL7
−40°C to +105°C
14-Lead TSSOP
RU-14
Zero
±16 LSB INL
1.25 V
AD5678BRUZ-2
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±16 LSB INL
2.5 V
AD5678BRUZ-2REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±16 LSB INL
2.5 V
AD5678ARUZ-2
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±32 LSB INL
2.5 V
AD5678ARUZ-2REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±32 LSB INL
2.5 V
1 Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn