Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 24 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 20Page - Analog Devices AD5678_15 Datasheet HTML 21Page - Analog Devices AD5678_15 Datasheet HTML 22Page - Analog Devices AD5678_15 Datasheet HTML 23Page - Analog Devices AD5678_15 Datasheet HTML 24Page - Analog Devices AD5678_15 Datasheet HTML 25Page - Analog Devices AD5678_15 Datasheet HTML 26Page - Analog Devices AD5678_15 Datasheet HTML 27Page - Analog Devices AD5678_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5678
Rev. C | Page 24 of 28
Table 9. Internal Reference Register
Internal REF Register (DB0)
Action
0
Reference off (default)
1
Reference on
Table 10. 32-Bit Input Shift Register Contents for Reference Set-Up Function
MSB
LSB
DB31 to DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19 to DB1
DB0
X
1
0
0
0
X
X
X
X
X
1/0
Don’t cares
Command bits (C3 to C0)
Address bits (A3 to A0)
Don’t cares
Internal REF
register
Table 11. Power-Down Modes of Operation
DB9
DB8
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
Table 12. 32-Bit Input Shift Register Contents for Power-Down/Power-Up Function
MSB
LSB
DB31
to
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19
to
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
0
1
0
0
X
X
X
X
X
PD1
PD0
DAC
H
DAC
G
DAC
F
DAC
E
DAC
D
DAC
C
DAC
B
DAC
A
Don’t
cares
Command bits (C3 to C0)
Address bits (A3 to A0)—
don’t cares
Don’t
cares
Power-
down mode
Power-down/power-up channel selection—set bit to 1 to select
RESISTOR
NETWORK
VOUT
VFB
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 50. Output Stage During Power-Down
Table 13. Clear Code Register
Clear Code Register
DB1
DB0
CR1
CR0
Clears to Code
0
0
0x0000
0
1
0x8000
1
0
0xFFFF
1
1
No operation
Table 14. 32-Bit Input Shift Register Contents for Clear Code Function
MSB
LSB
DB31 to DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19 to DB2
DB1
DB0
X
0
1
0
1
X
X
X
X
X
CR1
CR0
Don’t cares
Command bits (C3 to C0)
Address bits (A3 to A0)—don’t cares
Don’t cares
Clear code register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn