Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 22 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 18Page - Analog Devices AD5678_15 Datasheet HTML 19Page - Analog Devices AD5678_15 Datasheet HTML 20Page - Analog Devices AD5678_15 Datasheet HTML 21Page - Analog Devices AD5678_15 Datasheet HTML 22Page - Analog Devices AD5678_15 Datasheet HTML 23Page - Analog Devices AD5678_15 Datasheet HTML 24Page - Analog Devices AD5678_15 Datasheet HTML 25Page - Analog Devices AD5678_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5678
Rev. C | Page 22 of 28
INPUT SHIFT REGISTER
The input shift register is 32 bits wide. The first four bits are
don’t cares. The next four bits are the command bits, C3 to C0
(see Table 7), followed by the 4-bit DAC address bits, A3 to A0
(see Table 8), and finally the 16-/12-bit data-word. The data-
word comprises the 16-/12-bit input code followed by four or
eight don’t care bits for the AD5678 DAC A, B, G, H and
AD5678 DAC C, D, E, F, respectively (See Figure 47 and
Figure 48). These data bits are transferred to the DAC register
on the 32nd falling edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for
32 falling edges of SCLK, and the DAC is updated on the 32nd
falling edge and rising edge of SYNC. However, if SYNC is
brought high before the 32nd falling edge, this acts as an
interrupt to the write sequence. The shift register is reset, and
the write sequence is seen as invalid. Neither an update of the
DAC register contents nor a change in the operating mode
occurs—see Figure 49.
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
XX
X
DB31 (MSB)
DB0 (LSB)
DATA BITS
Figure 47. AD5678 Input Register Content for DAC A, B, G , H
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXX
XXXX
X
X
XX
X
DB31 (MSB)
DB0 (LSB)
DATA BITS
Figure 48. AD5678 Input Register Content for DAC C, D, E, F
SCLK
DIN
DB31
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 32ND FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 32ND FALLING EDGE
DB31
DB0
SYNC
Figure 49. SYNC Interrupt Facility


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn