Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 17 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 13Page - Analog Devices AD5678_15 Datasheet HTML 14Page - Analog Devices AD5678_15 Datasheet HTML 15Page - Analog Devices AD5678_15 Datasheet HTML 16Page - Analog Devices AD5678_15 Datasheet HTML 17Page - Analog Devices AD5678_15 Datasheet HTML 18Page - Analog Devices AD5678_15 Datasheet HTML 19Page - Analog Devices AD5678_15 Datasheet HTML 20Page - Analog Devices AD5678_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD5678
Rev. C | Page 17 of 28
FREQUENCY (Hz)
–20
–50
–80
–30
–40
–60
–70
–90
–100
2k
4k
6k
8k
10k
VDD =5V
TA =25°C
DAC LOADED WITH FULL SCALE
VREF = 2V ± 0.3V p-p
Figure 41. Total Harmonic Distortion
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
6
7
9
810
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 42. Settling Time vs. Capacitive Load
VOUT F
VOUT B
3
CH3 5.0V
CH4 1.0V
CH2 1.0V
M200ns A CH3
1.10V
2
4
4
CLR
Figure 43. Hardware CLR
FREQUENCY (Hz)
5
–40
10k
100k
1M
10M
35
30
25
20
15
10
5
0
VDD = 5V
TA = 25°C
Figure 44. Multiplying Bandwidth


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn