Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 16 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 12Page - Analog Devices AD5678_15 Datasheet HTML 13Page - Analog Devices AD5678_15 Datasheet HTML 14Page - Analog Devices AD5678_15 Datasheet HTML 15Page - Analog Devices AD5678_15 Datasheet HTML 16Page - Analog Devices AD5678_15 Datasheet HTML 17Page - Analog Devices AD5678_15 Datasheet HTML 18Page - Analog Devices AD5678_15 Datasheet HTML 19Page - Analog Devices AD5678_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5678
Rev. C | Page 16 of 28
SAMPLE
2.5000
2.4950
0
512
2.4955
2.4960
2.4965
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
64
128
192
256
320
384
448
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
4ns/SAMPLE NUMBER
Figure 35. Analog Crosstalk
SAMPLE
2.4900
2.4855
0
512
64
128
192
256
320
384
448
2.4860
2.4865
2.4870
2.4875
2.4880
2.4885
2.4890
2.4895
VDD = 5V
VREFO
TA = 2
UT = 2.5V
5°C
4ns/SAMPLE NUMBER
Figure 36. DAC-to-DAC Crosstalk
1
Y AXIS = 2
μV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 37. 0.1 Hz to 10 Hz Output Noise Plot, External Reference
5s/DIV
1
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 38. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference
4s/DIV
1
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 39. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference
FREQUENCY (Hz)
800
0
100
200
300
400
500
600
700
100
10000
1000
100000
1000000
VDD =3V
V
= 1.25V
VDD =5V
VREFOUT =2.5V
REFOUT
TA =25°C
MIDSCALE LOADED
Figure 40. Noise Spectral Density, Internal Reference


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn