Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 13 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 9Page - Analog Devices AD5678_15 Datasheet HTML 10Page - Analog Devices AD5678_15 Datasheet HTML 11Page - Analog Devices AD5678_15 Datasheet HTML 12Page - Analog Devices AD5678_15 Datasheet HTML 13Page - Analog Devices AD5678_15 Datasheet HTML 14Page - Analog Devices AD5678_15 Datasheet HTML 15Page - Analog Devices AD5678_15 Datasheet HTML 16Page - Analog Devices AD5678_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5678
Rev. C | Page 13 of 28
TEMPERATURE (
°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 17. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (
°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
080
60
100
OFFSET ERROR
ZERO-SCALE ERROR
Figure 18. Zero-Scale Error and Offset Error vs. Temperature
VDD (V)
1.0
–1.5
–1.0
–0.5
0
0.5
–2.0
2.7
3.2
3.7
4.7
4.2
5.2
GAIN ERROR
FULL-SCALE ERROR
Figure 19. Gain Error and Full-Scale Error vs. Supply Voltage
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
Figure 20. Zero-Scale Error and Offset Error vs. Supply Voltage
IDD (mA)
20
0
1.20 1.22 1.24 1.26 1.28 1.30 1.32 1.34 1.36 1.38 1.40 1.42 1.44
2
VDD = 3.6V
VDD = 5.5V
4
6
8
10
12
14
16
18
Figure 21. IDD Histogram with External Reference
IDD (mA)
14
0
2.02
2
4
6
8
10
12
VDD = 3.6V
VDD = 5.5V
2.04 2.06 2.08 2.10 2.12 2.14 2.16 2.18 2.20 2.22 2.24 2.26 2.28
VREFOUT = 1.25V
VREFOUT = 2.5V
Figure 22. IDD Histogram with Internal Reference


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn