Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5678 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD5678
Description  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD5678 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 2Page - Analog Devices AD5678_15 Datasheet HTML 3Page - Analog Devices AD5678_15 Datasheet HTML 4Page - Analog Devices AD5678_15 Datasheet HTML 5Page - Analog Devices AD5678_15 Datasheet HTML 6Page - Analog Devices AD5678_15 Datasheet HTML 7Page - Analog Devices AD5678_15 Datasheet HTML 8Page - Analog Devices AD5678_15 Datasheet HTML 9Page - Analog Devices AD5678_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5678
Rev. C | Page 6 of 28
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±3
±3
μA
All digital inputs
Input Low Voltage, VINL
0.8
0.8
V
VDD = 3 V
Input High Voltage, VINH
2
2
V
VDD = 3 V
Pin Capacitance
3
3
pF
POWER REQUIREMENTS
VDD
2.7
3.6
2.7
3.6
V
All digital inputs at 0 or VDD,
DAC active, excludes load current
IDD (Normal Mode)4
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
1.2
1.7
1.2
1.7
mA
Internal reference off
VDD = 2.7 V to 3.6 V
1.7
2.6
1.7
2.6
mA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 3.6 V
0.2
1
0.2
1
μA
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at 25°C.
2 Linearity calculated using a reduced code range of AD5678 12-bit DACs (Code 32 to Code 4,064) and AD5678 16-bit DACs (Code 512 to Code 65,024). Output
unloaded.
3 Guaranteed by design and characterization; not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All eight DACs powered down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn