Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW-USBN-HDC-01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IW-USBN-HDC-01
Description  Nano WiReach USB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IW-USBN-HDC-01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IW-USBN-HDC-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers IW-USBN-HDC-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Europe: 19 non-overlapping channel
(36,40,44,48,52,56,60,64;
100,104,108,112,116,120,124,128,132,136,140)
Japan: 19 non-overlapping channels (
36,40,44,48,52,56,60,64;
100,104,108,112,116,120,124,128,132,136,140)
China: 5 non-overlapping channels
(149,153,157,161,165)
• Modulation:
o
802.11 Legacy b/g
DSSS (DBPSK, DQPSK, CCK)
OFDM (BPSK, QPSK, 16-QAM, 64-QAM)
o
802.11ng
OFDM (BPSK, QPSK, 16-QAM, 64-QAM)
• Channel Spacing: 5MHz
1.5
Warranty
• One Year
1.6
Certifications:
Radio and EMC:
• USA: CFR Title 47 FCC Part 15, Subpart B and C (Pending)
• Canada: Industry Canada ICES-003, RSS-Gen, RSS-210 (Pending)
• EU: EN 300 328 (R&TTE Directive 1999/5/EC), EN 301 489 (EMC
Directive 2004/108/EC) (Pending)
1.7
Current Consumption
• For throughput TX mode: 300mA (5V)
• For throughput RX mode: 280 (5V)
• For 6M Continuous TX mode: 310mA (5V)
• For HT40 MCS0 Continuous TX mode: 310mA (5V)
• For HT20 MCS0 Continuous TX mode: 300mA (5V)
Nano WiReach USB Datasheet


Similar Part No. - IW-USBN-HDC-01

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
IW-1000 JDSU-IW-1000 Datasheet
361Kb / 8P
   Inside Wiring and Networks Service Meter
logo
List of Unclassifed Man...
IW-SM2128M1-US ETC2-IW-SM2128M1-US Datasheet
196Kb / 17P
   Mini Socket iWiFi Data Sheet
IW-SM2144N1C ETC2-IW-SM2144N1C Datasheet
395Kb / 3P
   Miniature embedded secure WiFi module
IW-SM2144SMT ETC2-IW-SM2144SMT Datasheet
2Mb / 3P
   Station or Access Point - Switchable Miniature embedded secure 802.11b/g/n WiFi SMT module
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
   Nano WiReach G2 N1
More results

Similar Description - IW-USBN-HDC-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
   Nano WiReach G2 N1
logo
TP-Link Technologies Co...
UB400 TP-LINK-UB400 Datasheet
503Kb / 3P
   Bluetooth 4.0 Nano USB Adapter
logo
Level One
WUA-0614 LVL1-WUA-0614 Datasheet
413Kb / 5P
   150Mbps Wireless Nano USB Network Adapter
WUA-0624 LVL1-WUA-0624 Datasheet
368Kb / 5P
   150Mbps Wireless Nano USB Network Adapter 5dBi
logo
Sonardyne sound in dept...
8167 SONARDYNE-8167 Datasheet
103Kb / 2P
   Wideband Nano Responder
logo
Glenair, Inc.
899-011 GLENAIR-899-011 Datasheet
579Kb / 2P
   Dual Row Nano
899-010 GLENAIR-899-010 Datasheet
571Kb / 2P
   Single Row Nano
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
logo
Microsemi Corporation
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com