Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW-SM2144SMT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IW-SM2144SMT
Description  Station or Access Point - Switchable Miniature embedded secure 802.11b/g/n WiFi SMT module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IW-SM2144SMT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IW-SM2144SMT Datasheet HTML 1Page - List of Unclassifed Manufacturers IW-SM2144SMT Datasheet HTML 2Page - List of Unclassifed Manufacturers IW-SM2144SMT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Brief
Publication Number 17-3730-01
Connect One Ltd.
20 Atir Yeda Street
Kfar Saba 44643, Israel
Phone: +972-9-766-0456
Fax: +972-9-766-0461
Email: sales@connectone.com
http://www.connectone.com
Copyright © Connect One Ltd., 2010-2012. All rights reserved.
Nano WiReachMAX-SMT
Station or Access Point - Switchable
Miniature embedded secure
802.11b/g/n WiFi SMT module
General Description:
Nano WiReach
MAX-SMT is a secure
embedded Wireless LAN module that easily
connects embedded devices to 802.11b/g/n
Wireless LAN, 10/100BaseT wired LAN and
cellular WAN. It includes the iChip
CO2144
IP Communication Controller
chip and
Marvell 88W8787 WiFi chipset. It is packaged
in a 37x20mm RoHS-compliant ultra-slim low
profile 44-pin SMT module form factor with an
on-board or external antenna.
Nano WiReach MAX-SMT makes adding
Internet connectivity to embedded devices a
breeze. It does not require any kind of WiFi
driver development on the host CPU, and its
multiple interfaces (UART, SPI, RMII and
USB 1.1) minimize the need to redesign the
host device hardware.
Connect
One’s
high-level
AT+i™
API
eliminates the need to add WiFi, LAN or
cellular drivers, security and networking
protocols or communication tasks to the host
application.
Nano WiReach MAX-SMT supports the
SSL3/TLS1 protocol for secure sockets,
HTTPS and FTPS, WEP, WPA/WPA2 (PSK
and Enterprise) WiFi encryption.
Nano WiReach MAX-SMT firmware and
configuration parameters are stored in on-
board flash memory. The module is power-
efficient: the core operates at 1.2V, while I/Os
operate at 3.3V. Power Save mode further
reduces power consumption.
Typical applications:
Adding WiFi to serial embedded devices
Replacing LAN cable using WiFi (bridge)
WiFi/LAN/Cellular Router
Adding SSL security to M2M solutions
Nano WiReach MAX-SMT supports several
operation modes:
LAN to WiFi Bridge - allowing transparent
bridging of LAN over WiFi, using direct RMII
connection to existing MAC hardware or
direct PHY-to-PHY connection.
SerialNet
TM Serial to WiFi Bridge - allowing
transparent bridging of Serial over WiFi,
using a 3Mbps fast UART. This is a true
plug-and-play mode that eliminates any
changes to the host application.
PPP modem emulation – allowing existing
(e.g. modem) designs currently using PPP
to connect transparently over WiFi
Embedded Access Point – WiFi access
point. Includes a DHCP server, NAT and
port forwarding.
Embedded Router – Providing routing
facilities between a wired LAN subnet a
WiFi subnet and a cellular WAN connection.
Includes a DHCP server, NAT and port
forwarding.
Full Internet Controller mode – allowing
simple MCU to use the Nano WiReach
MAX-SMT’s rich protocol and application
capabilities to perform complex Internet
operations such as E-mail, FTP, SSL,
embedded web server and others. It also
acts as a firewall, providing a security gap
between the application and the network.
Microcontroller
EMAC
Ethernet
PHY
Ethernet
PHY
Microcontroller
RMII
PHY-to-PHY
MAC-to-MAC
EMAC
WiReach SMT
WiReach SMT
Ethernet
Serial
USB
SPI
Microcontroller
Embedded Device
802.11b/g/n
WiReach
MAX-SMT


Similar Part No. - IW-SM2144SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW-SM2144N1C ETC2-IW-SM2144N1C Datasheet
395Kb / 3P
   Miniature embedded secure WiFi module
More results

Similar Description - IW-SM2144SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW-SM2144N1C ETC2-IW-SM2144N1C Datasheet
395Kb / 3P
   Miniature embedded secure WiFi module
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
Compex Systems Pte. Lte...
WLE1216V2-20 COMPEX-WLE1216V2-20 Datasheet
746Kb / 4P
   4x4 802.11b/g/n/ac Mini PCIe WiFi Module
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
logo
Compex Systems Pte. Lte...
WLE1216V2-20-I COMPEX-WLE1216V2-20-I Datasheet
746Kb / 4P
   4x4 802.11b/g/n/ac Mini PCIe WiFi Module
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com