Electronic Components Datasheet Search |
|
D82C288 Datasheet(PDF) 10 Page - Intel Corporation |
|
D82C288 Datasheet(HTML) 10 Page - Intel Corporation |
10 / 20 page M82C288 271077 – 11 Figure 11 MCE Operation for an INTA Bus Cycle Control Inputs The control inputs can alter the basic timing of com- mand outputs allow interfacing to multiple buses and share a bus between different masters For many M80286 systems each CPU will have more than one bus which may be used to perform a bus cycle Normally a CPU will only have one bus con- troller active for each bus cycle Some buses may be shared by more than one CPU (ie MULTIBUS) re- quiring only one of them use the bus at a time Systems with multiple and shared buses use two control input signals of the M82C288 bus controller CENL and AEN (see Figure 12) CENL enables the bus controller to control the current bus cycle The AEN input prevents a bus controller from driving its command outputs AEN HIGH means that another bus controller may be driving the shared bus In Figure 12 two buses are shown a local bus and a MULTIBUS I Only one bus is used for each CPU bus cycle The CENL inputs of the bus controller select which bus controller is to perform the bus cy- cle An address decoder determines which bus to use for each bus cycle The M82C288 connected to the shared MULTIBUS I must be selected by CENL and be given access to the MULTIBUS I by AEN before it will begin a MULTIBUS I operation CENL must be sampled HIGH at the end of the TS bus state (see waveforms) to enable the bus control- ler to activate its command and control outputs If sampled LOW the commands and DEN will not go active and DTR will remain HIGH The bus control- ler will ignore the CMDLY CEN and READY inputs until another bus cycle is started via S1 and S0 Since an address decoder is commonly used to identify which bus is required for each bus cycle CENL is latched to avoid the need for latching its inputs The CENL input can affect the DEN control output When MB e 0 DEN normally becomes active dur- ing Phase 2 of TS in write bus cycles This transition occurs before CENL is sampled If CENL is sampled LOW the DEN output will be forced LOW during TC as shown in the timing waveforms When MB e 1 CENAEN becomes AEN AEN con- trols when the bus controller command outputs en- ter and exit 3-state OFF AEN is intended to be driv- en by a MULTIBUS I type bus arbiter which assures only one bus controller is driving the shared bus at any time When AEN makes a LOW to HIGH tran- sition the command outputs immediately enter 3-state OFF and DEN is forced inactive An inactive DEN should force the local data transceivers con- nected to the shared data bus into 3-state OFF (see Figure 12) The LOW to HIGH transition of AEN should only occur during TI or TS bus states The HIGH to LOW transition of AEN signals that the bus controller may now drive the shared bus com- mand signals Since a bus cycle may be active or be in the process of starting AEN can become active during any T-state AEN LOW immediately allows DEN to go the appropriate state Three CLK edges later the command outputs will go active (see timing waveforms) The MULTIBUS I requires this delay for the address and data to be valid on the bus before the command becomes active When MB e 0 CENAEN becomes CEN CEN is an asynchronous input which immediately affects the command and DEN outputs When CEN makes a HIGH to LOW transition the commands and DEN 10 |
Similar Part No. - D82C288 |
|
Similar Description - D82C288 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |