Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M87C51FC Datasheet(PDF) 3 Page - Intel Corporation

Part # M87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M87C51FC Datasheet(HTML) 3 Page - Intel Corporation

  M87C51FC Datasheet HTML 1Page - Intel Corporation M87C51FC Datasheet HTML 2Page - Intel Corporation M87C51FC Datasheet HTML 3Page - Intel Corporation M87C51FC Datasheet HTML 4Page - Intel Corporation M87C51FC Datasheet HTML 5Page - Intel Corporation M87C51FC Datasheet HTML 6Page - Intel Corporation M87C51FC Datasheet HTML 7Page - Intel Corporation M87C51FC Datasheet HTML 8Page - Intel Corporation M87C51FC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
M87C51FC
PACKAGES
Part
Prefix
Package Type
87C51FC
D
40-Pin CERDIP
R
44-Pin LCC
271114 – 2
DIP
271114 – 3
LCC
Figure 2 Pin Connections
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
Port 0 Port 0 is an 8-bit open drain bidirectional IO
port As an output port each pin can sink several LS
TTL inputs Port 0 pins that have 1’s written to them
float and in that state can be used as high-imped-
ance inputs
Port 0 is also the multiplexed low-order address and
data bus during accesses to external Program and
Data Memory In this application it uses strong inter-
nal pullups when emitting1’s and can source and
sink several LS TTL inputs
Port 0 also receives the code bytes during EPROM
programming and outputs the code bytes during
program verification External pullup resistors are re-
quired during program verification
Port 1 Port 1 is an 8-bit bidirectional IO port with
internal pullups The Port 1 output buffers can drive
LS TTL inputs Port 1 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally being pulled low will source
current (IIL on the data sheet) because of the inter-
nal pullups
In addition Port 1 serves the functions of the follow-
ing special features of the M87C51FC
Port Pin
Alternate Function
P10
T2 (External Count Input to Timer
Counter 2) Clock-Out
P11
T2EX (TimerCounter 2 Capture
Reload Trigger and Direction Control)
P12
ECI (External Count Input to the PCA)
P13
CEX0 (External IO for Compare
Capture Module 0)
P14
CEX1 (External IO for Compare
Capture Module 1)
P15
CEX2 (External IO for Compare
Capture Module 2)
P16
CEX3 (External IO for Compare
Capture Module 3)
P17
CEX4 (External IO for Compare
Capture Module 4)
Port 1 receives the low-order address bytes during
EPROM programming and verifying
Port 2 Port 2 is an 8-bit bidirectional IO port with
internal pullups The Port 2 output buffers can drive
LS TTL inputs Port 2 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally being pulled low will source
current (IIL on the data sheet) because of the inter-
nal pullups
3


Similar Part No. - M87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - M87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C54 INTEL-87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com