Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25T116 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BC817-25T116
Description  45 V, 500 mA NPN general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817-25T116 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BC817-25T116 Datasheet HTML 5Page - NXP Semiconductors BC817-25T116 Datasheet HTML 6Page - NXP Semiconductors BC817-25T116 Datasheet HTML 7Page - NXP Semiconductors BC817-25T116 Datasheet HTML 8Page - NXP Semiconductors BC817-25T116 Datasheet HTML 9Page - NXP Semiconductors BC817-25T116 Datasheet HTML 10Page - NXP Semiconductors BC817-25T116 Datasheet HTML 11Page - NXP Semiconductors BC817-25T116 Datasheet HTML 12Page - NXP Semiconductors BC817-25T116 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
BC817_BC817W_BC337_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
9 of 19
NXP Semiconductors
BC817; BC817W; BC337
45 V, 500 mA NPN general-purpose transistors
Tamb = 25 °C
(1) IB = 16.0 mA
(2) IB = 14.4 mA
(3) IB = 12.8 mA
(4) IB = 11.2 mA
(5) IB = 9.6 mA
(6) IB = 8.0 mA
(7) IB = 6.4 mA
(8) IB = 4.8 mA
(9) IB = 3.2 mA
(10) IB = 1.6 mA
Tamb = 25 °C
(1) IB = 13.0 mA
(2) IB = 11.7 mA
(3) IB = 10.4 mA
(4) IB = 9.1 mA
(5) IB = 7.8 mA
(6) IB = 6.5 mA
(7) IB = 5.2 mA
(8) IB = 3.9 mA
(9) IB = 2.6 mA
(10) IB = 1.3 mA
Fig 10. Selection -16: Collector current as a function
of collector-emitter voltage; typical values
Fig 11. Selection -25: Collector current as a function
of collector-emitter voltage; typical values
VCE (V)
05
4
23
1
006aaa140
0.4
0.8
1.2
IC
(A)
0
(6)
(7)
(8)
(9)
(10)
(1)
(2)
(3)
(4)
(5)
VCE (V)
05
4
23
1
006aaa141
0.4
0.8
1.2
IC
(A)
0
(7)
(8)
(9)
(10)
(1)
(2)
(3)
(4)
(5)
(6)


Similar Part No. - BC817-25T116

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC817-25 DIOTEC-BC817-25 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC817-25 KEXIN-BC817-25 Datasheet
1Mb / 2P
   NPN Transistors
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - BC817-25T116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
logo
NXP Semiconductors
BC817-25QA NXP-BC817-25QA Datasheet
211Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com