Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25T116 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC817-25T116
Description  45 V, 500 mA NPN general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817-25T116 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC817-25T116 Datasheet HTML 1Page - NXP Semiconductors BC817-25T116 Datasheet HTML 2Page - NXP Semiconductors BC817-25T116 Datasheet HTML 3Page - NXP Semiconductors BC817-25T116 Datasheet HTML 4Page - NXP Semiconductors BC817-25T116 Datasheet HTML 5Page - NXP Semiconductors BC817-25T116 Datasheet HTML 6Page - NXP Semiconductors BC817-25T116 Datasheet HTML 7Page - NXP Semiconductors BC817-25T116 Datasheet HTML 8Page - NXP Semiconductors BC817-25T116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BC817_BC817W_BC337_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
4 of 19
NXP Semiconductors
BC817; BC817W; BC337
45 V, 500 mA NPN general-purpose transistors
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base;
IC =10mA
-45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current (DC)
-
500
mA
ICM
peak collector current
-
1
A
IBM
peak base current
-
200
mA
Ptot
total power dissipation
BC817
Tamb ≤ 25 °C
[1][2] -250
mW
BC817W
Tamb ≤ 25 °C
[1][2] -200
mW
BC337
Tamb ≤ 25 °C
[1][2] -625
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
BC817
Tamb ≤ 25 °C
[1][2] -
-
500
K/W
BC817W
Tamb ≤ 25 °C
[1][2] -
-
625
K/W
BC337
Tamb ≤ 25 °C
[1][2] -
-
200
K/W


Similar Part No. - BC817-25T116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Diotec Semiconductor
BC817-25 DIOTEC-BC817-25 Datasheet
153Kb / 2P
   SMD General Purpose NPN Transistors
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC817-25 KEXIN-BC817-25 Datasheet
1Mb / 2P
   NPN Transistors
logo
Transys Electronics
BC817-25 TRSYS-BC817-25 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC817-25T116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
logo
NXP Semiconductors
BC817-25QA NXP-BC817-25QA Datasheet
211Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com