Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80C186XL20 Datasheet(PDF) 17 Page - Intel Corporation

Part # M80C186XL20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C186XL20 Datasheet(HTML) 17 Page - Intel Corporation

Back Button M80C186XL20 Datasheet HTML 13Page - Intel Corporation M80C186XL20 Datasheet HTML 14Page - Intel Corporation M80C186XL20 Datasheet HTML 15Page - Intel Corporation M80C186XL20 Datasheet HTML 16Page - Intel Corporation M80C186XL20 Datasheet HTML 17Page - Intel Corporation M80C186XL20 Datasheet HTML 18Page - Intel Corporation M80C186XL20 Datasheet HTML 19Page - Intel Corporation M80C186XL20 Datasheet HTML 20Page - Intel Corporation M80C186XL20 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
M80C186XL
AC CHARACTERISTICS
MAJOR CYCLE TIMINGS (READ CYCLE)
TC eb55 Cto a125 C VCC e 5V g10%
All timings are measured at 15V and 100 pF loading on CLKOUT unless otherwise noted
All output test conditions are with CL e 50 pF
For AC tests input VIL e 045V and VIH e 24V except at X1 where VIH e VCC b 05V
Values
Conditions
Test
Symbol
Parameter
M80C186XL16
M80C186XL20
Unit
Min
Max
Min
Max
M80C186XL GENERAL TIMING REQUIREMENTS (Listed More Than Once)
TDVCL
Data in Setup (AD)
15
10
ns
TCLDX
Data in Hold (AD)
3
3
ns
M80C186XL GENERAL TIMING RESPONSES (Listed More Than Once)
TCHSV
Status Active Delay
1
31
1
25
ns
TCLSH
Status Inactive Delay
1
30
1
25
ns
TCLAV
Address Valid Delay
1
33
1
27
ns
TCLAX
Address Hold
0
0
ns
TCLDV
Data Valid Delay
1
33
1
27
ns
TCHDX
Status Hold Time
10
10
ns
TCHLH
ALE Active Delay
20
20
ns
TLHLL
ALE Width
TCLCL b 15
TCLCL b 15
ns
TCHLL
ALE Inactive Delay
20
20
ns
TAVLL
Address Valid to ALE Low
TCLCH b 15
TCLCH b 10
ns
Equal
Loading
TLLAX
Address Hold from ALE
TCHCL b 15
TCHCL b 10
ns
Equal
Inactive
Loading
TAVCH
Address Valid to Clock High
0
0
ns
TCLAZ
Address Float Delay
TCLAX
20
TCLAX
20
ns
TCLCSV
Chip-Select Active Delay
1
30
1
25
ns
TCXCSX
Chip-Select Hold from
tCLCH b 10
TCLCH b 10
ns
Equal
Command Inactive
Loading
TCHCSX
Chip-Select Inactive Delay
1
25
1
20
ns
TDXDL
DEN Inactive to DTR Low
0
0
ns
Equal
Loading
TCVCTV
Control Active Delay 1
1
31
1
22
ns
TCVDEX
DEN Inactive Delay
1
31
1
22
ns
TCHCTV
Control Active Delay 2
1
31
1
22
ns
TCLLV
LOCK ValidInvalid Delay
1
35
1
22
ns
M80C186XL TIMING RESPONSES (Read Cycle)
TAZRL
Address Float to RD Active
0
0
ns
TCLRL
RD Active Delay
1
31
1
27
ns
TRLRH
RD Pulse Width
2TCLCL b 25
2TCLCL b 20
ns
TCLRH
RD Inactive Delay
1
31
1
27
ns
TRHLH
RD Inactive to ALE High
TCLCH b 14
TCLCH b 14
ns
Equal
Loading
TRHAV
RD Inactive to Address
TCLCL b 15
TCLCL b 15
ns
Equal
Active
Loading
17


Similar Part No. - M80C186XL20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
   CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
M80C186EB-13 INTEL-M80C186EB-13 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-8 INTEL-M80C186EB-8 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
More results

Similar Description - M80C186XL20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com