Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT533TPY Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT533TPY
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT533TPY Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT533TPY Datasheet HTML 1Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 2Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 3Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 4Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 5Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 6Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 7Page - Integrated Device Technology IDT74FCT533TPY Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1995
©1995 Integrated Device Technology, Inc.
6.12
DSC-4216/6
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
D0
D
O
G
O0
D1
D
O
G
O1
D2
D
O
G
O2
D3
D
O
G
O3
D4
D
O
G
O4
D5
D
O
G
O5
D6
D
O
G
O6
D7
D
O
G
O7
LE
OE
FUNCTIONAL BLOCK DIAGRAM IDT54/74FCT373T/2373T AND IDT54/74FCT573T/2573T
D0
D
O
G
O0
D1
D
O
G
O1
D2
D
O
G
O2
D3
D
O
G
O3
D4
D
O
G
O4
D5
D
O
G
O5
D6
D
O
G
O6
D7
D
O
G
O7
LE
OE
FUNCTIONAL BLOCK DIAGRAM IDT54/74FCT533T
2564 cnv* 02
2564 cnv* 01
IDT54/74FCT373T/AT/CT/DT - 2373T/AT/CT
IDT54/74FCT533T/AT/CT
IDT54/74FCT573T/AT/CT/DT - 2573T/AT/CT
FAST CMOS OCTAL
TRANSPARENT
LATCHES
FEATURES:
• Common features:
Low input and output leakage
≤1µA (max.)
CMOS power levels
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
Meets or exceeds JEDEC standard 18 specifications
Product available in Radiation Tolerant and Radiation
Enhanced versions
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT373T/FCT533T/FCT573T:
Std., A, C and D speed grades
High drive outputs (-15mA IOH, 48mA IOL)
Power off disable outputs permit “live insertion”
• Features for FCT2373T/FCT2573T:
Std., A and C speed grades
Resistor output
(-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
Reduced system switching noise
DESCRIPTION:
The FCT373T/FCT2373T, FCT533T and FCT573T/
FCT2573T are octal transparent latches built using an ad-
vanced dual metal CMOS technology. These octal latches
have 3-state outputs and are intended for bus oriented appli-
cations. The flip-flops appear transparent to the data when
Latch Enable (LE) is HIGH. When LE is LOW, the data that
meets the set-up time is latched. Data appears on the bus
when the Output Enable (
OE) is LOW. When OE is HIGH, the
bus output is in the high- impedance state.
The FCT2373T and FCT2573T have balanced drive out-
puts with current limiting resistors. This offers low ground
bounce, minimal undershoot and controlled output fall times-
reducing the need for external series terminating resistors.
The FCT2xxxT parts are plug-in replacements for FCTxxxT
parts.


Similar Part No. - IDT74FCT533TPY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT533 IDT-IDT74FCT533 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT533A IDT-IDT74FCT533A Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT533AD IDT-IDT74FCT533AD Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT533ADB IDT-IDT74FCT533ADB Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT533AE IDT-IDT74FCT533AE Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT74FCT533TPY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com