Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1420-SV000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-1420-SV000
Description  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1420-SV000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-1420-SV000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1420-SV000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Notes:
1.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lvv, where lv is the luminous intensity in candelas
and
η
v is the luminous efficacy in lumens/watt.
Electrical Characteristics at TA = 25°C
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
IV
Luminous Intensity
1320
8.6
30
mcd
IF = 10 mA
1321
8.6
30
(Figure 3)
1420
9.2
15
mcd
IF = 10 mA
1421
9.2
15
(Figure 8)
1520
6.7
22
mcd
IF = 10 mA
1521
6.7
22
(Figure 3)
2
θ1/2
Including Angle Between
All
45
Deg.
IF = 10 mA
Half Luminous Intensity
See Note 1
Points
(Figures 6, 11, 16, 21)
λ
PEAK
Peak Wavelength
132x
635
nm
Measurement
at Peak (Figure 1)
142X
583
152X
565
∆λ
1/2
Spectral Line Halfwidth
132x
40
nm
142X
36
152X
28
λ
d
Dominant Wavelength
132x
626
nm
See Note 2 (Figure 1)
142X
585
152X
569
τ
s
Speed of Response
132x
90
ns
142X
90
152X
500
C
Capacitance
132x
11
pF
VF = 0; f = 1 MHz
142X
15
152X
18
R
θ
J-PIN
Thermal Resistance
All
290
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
132x
1.9
2.4
V
IF = 10 mA
142X
2.0
2.4
152X
2.1
2.7
VR
Reverse Breakdown
All
5.0
V
IR = 100 µA
Voltage
η
V
Luminous Efficacy
132x
145
lumens
See Note 3
142X
500
Watt
152X
595


Similar Part No. - HLMP-1420-SV000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1420 QT-HLMP-1420 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1420 AVAGO-HLMP-1420 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

Similar Description - HLMP-1420-SV000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com