Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5903DC-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5903DC-T1-E3
Description  Dual P-Channel 2.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5903DC-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5903DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5903DC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si5903DC
Document Number: 71054
S10-0547-Rev. C, 08-Mar-10
www.vishay.com
1
Dual P-Channel 2.5 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.155 at VGS = - 4.5 V
± 2.9
0.180 at VGS = - 3.6 V
± 2.7
0.260 at VGS = - 2.5 V
± 2.2
Bottom View
1206-8 ChipFET®
S1
G1
S2
G2
D1
D1
D2
D2
1
Marking Code
DA
XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5903DC-T1-E3 (Lead (Pb)-free)
Si5903DC-T1-GE3 (Lead (Pb)-free and Halogen-free)
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See reliability manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
± 2.9
± 2.1
A
TA = 85 °C
± 2.1
± 1.5
Pulsed Drain Current
IDM
± 10
Continuous Source Current (Diode Conduction)a
IS
- 1.8
- 0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.1
1.1
W
TA = 85 °C
1.1
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
50
60
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40


Similar Part No. - SI5903DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5903DC-T1 VISHAY-SI5903DC-T1 Datasheet
104Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI5903DC-T1 VISHAY-SI5903DC-T1 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
More results

Similar Description - SI5903DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com