Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8XC51GB Datasheet(PDF) 3 Page - Intel Corporation

Part # N8XC51GB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N8XC51GB Datasheet(HTML) 3 Page - Intel Corporation

  N8XC51GB Datasheet HTML 1Page - Intel Corporation N8XC51GB Datasheet HTML 2Page - Intel Corporation N8XC51GB Datasheet HTML 3Page - Intel Corporation N8XC51GB Datasheet HTML 4Page - Intel Corporation N8XC51GB Datasheet HTML 5Page - Intel Corporation N8XC51GB Datasheet HTML 6Page - Intel Corporation N8XC51GB Datasheet HTML 7Page - Intel Corporation N8XC51GB Datasheet HTML 8Page - Intel Corporation N8XC51GB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
8XC51GB
PARALLEL IO PORTS
The 8XC51GB contains six 8-bit parallel IO ports
All six ports are bidirectional and consist of a latch
an output driver and an input buffer Many of the
port pins have multiplexed IO and control functions
Port Pins as Outputs
Port 0 has open drain outputs when it is not serving
as the external data bus The internal pullup is active
only when the pin is outputting a logic 1 during exter-
nal memory access An external pullup resistor is
required on Port 0 when it is serving as an output
port
Ports 1 2 3 4 and 5 have quasi-bidirectional out-
puts A strong pullup provides a fast rise time when
the pin is set to a logic 1 This pullup turns on for two
oscillator periods to drive the pin high and then turns
off The pin is held high by a weak pullup
Writing the P0 P1 P2 P3 P4 or P5 Special Function
Register sets the corresponding port pins All six
port registers are bit addressable
Port Pins as Inputs
The pins of all six ports are configured as inputs by
writing a logic 1 to them Since Port 0 is an open
drain port it provides a very high input impedance
Since pins of Port 1 2 3 4 and 5 have weak pullups
(which are always on) they source a small current
when driven low externally All ports except Port 0
have Schmitt trigger inputs
Port States During Reset
Ports 0 and 3 reset asynchronously to a one and
Ports 1 2 4 and 5 reset to a zero asynchronously
PIN DESCRIPTIONS
The 8XC51GB will be packaged in the 68-lead PLCC
package Its pin assignment is shown in Figure 2
VCC Supply Voltage
VSS Circuit Ground
Diagram is for Pin Reference Only Package Size is Not to Scale
272337 – 2
OTP only
Figure 2 Pin Connections
3


Similar Part No. - N8XC51GB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N8XC196JQ INTEL-N8XC196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196JR INTEL-N8XC196JR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196KQ INTEL-N8XC196KQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196KR INTEL-N8XC196KR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196MD INTEL-N8XC196MD Datasheet
1Mb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
More results

Similar Description - N8XC51GB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com