Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSI45-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DSI45-08
Description  Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSI45-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DSI45-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers DSI45-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers DSI45-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DSI45
Document Number: DSI45
www.smsemi.com
Apr.26, 2011
1
Module Type
TYPE
VRRM
VRSM
DSI45-08
DSI45-12
DSI45-16
800V
1200V
1600V
900V
1300V
1700V
Maximum Ratings
Symbol
Item
Conditions
Values
Units
IF(AV)
Average forward current
Tc=100℃
45
A
IFSM
Forward surge current, max.
t=10mS Tvj =45℃
500
A
i
2t
Value for fusing
1250
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
Operating Junction Temperature
-40 to +150
Tstg
Storage Temperature
-40 to +150
Md
Mounting torque
0.8...1.2
Nm
Weight
Approximate Weight
6
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.65
℃/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.20
℃/W
Electrical Characteristics
Symbol
Item
Conditions
Values
Units
Min. Typ.
Max.
VFM
Forward Voltage Drop, max.
T=25℃ IF=45A
T=150℃ IF=45A
1.1
1.28
V
1.20
rF
Slope
resistance
for
power
loss
calculation only
Tj =150℃
7.7
VFO
Threshold
voltage
for
power
loss
calculation only
Tj =150℃
0.76
V
IRRM
Repetitive Peak Reverse Current, max.
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
5
µA
3
mA
Rectifier Diode
Reverse Voltage:
800 to 1600V
Forward Current:
45A
Features:
Glass passivated chips
Low Leakage Current
Low Forward Voltage
RoHS Compliance
Input rectification
Circuit
+
Applications
Supplies for DC power equipment
DC supply for PWM inverter
Field supply for DC motors
Battery DC power supplies
A
C
A=Anode C=Cathode


Similar Part No. - DSI45-08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSI45-08A IXYS-DSI45-08A Datasheet
41Kb / 2P
   Rectifier Diode
DSI45-08A IXYS-DSI45-08A Datasheet
142Kb / 5P
   Standard Rectifier
More results

Similar Description - DSI45-08

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com