Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C198 Datasheet(PDF) 3 Page - Intel Corporation

Part # S80C198
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C198 Datasheet(HTML) 3 Page - Intel Corporation

  S80C198 Datasheet HTML 1Page - Intel Corporation S80C198 Datasheet HTML 2Page - Intel Corporation S80C198 Datasheet HTML 3Page - Intel Corporation S80C198 Datasheet HTML 4Page - Intel Corporation S80C198 Datasheet HTML 5Page - Intel Corporation S80C198 Datasheet HTML 6Page - Intel Corporation S80C198 Datasheet HTML 7Page - Intel Corporation S80C198 Datasheet HTML 8Page - Intel Corporation S80C198 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
8XC198
PACKAGING
The 8XC198 is available in a 52-pin PLCC package and an 80-pin QFP package Contact your local sales
office to determine the exact ordering code for the part desired
Package Designators
N e 52-pin PLCC
S e 80-pin QFP
Thermal Characteristics
Package Type
ija
ijc
PLCC
40 CW
QFP
70 CW
4 CW
All thermal impedance data is approximate for static air conditions at 1W of power dissipation Values will
change depending on operating conditions and application See the Intel
Packaging Handbook (Order Number
240800) for a description of Intel’s thermal impedance test methodology
272034 – 2
Figure 4 52-Pin PLCC Package
NOTE
The above pinout diagram applies to the OTP (87C198) device The OTP device uses all of the programming pins shown
above The ROM (83C198) device only uses programming pins AINC PALE PMODEn and PROG The ROMless (80C198)
doesn’t use any of the programming pins
3


Similar Part No. - S80C198

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196KB INTEL-S80C196KB Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
S80C196KB16 INTEL-S80C196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
S80C196KC INTEL-S80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
Rochester Electronics
S80C196KC-20 ROCHESTER-S80C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
logo
Intel Corporation
S80C196KC20 INTEL-S80C196KC20 Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - S80C198

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196JQ INTEL-80C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C198 INTEL-87C198 Datasheet
833Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com