Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C51FA Datasheet(PDF) 6 Page - Intel Corporation

Part # 83C51FA
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51FA Datasheet(HTML) 6 Page - Intel Corporation

Back Button 83C51FA Datasheet HTML 2Page - Intel Corporation 83C51FA Datasheet HTML 3Page - Intel Corporation 83C51FA Datasheet HTML 4Page - Intel Corporation 83C51FA Datasheet HTML 5Page - Intel Corporation 83C51FA Datasheet HTML 6Page - Intel Corporation 83C51FA Datasheet HTML 7Page - Intel Corporation 83C51FA Datasheet HTML 8Page - Intel Corporation 83C51FA Datasheet HTML 9Page - Intel Corporation 83C51FA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
8XC51FX
272322 – 3
C1 C2 e 30 pF g10 pF for Crystals
For Ceramic Resonators contact resonator manufacturer
Figure 3 Oscillator Connections
272322 – 4
Figure 4 External Clock Drive Configuration
IDLE MODE
The user’s software can invoke the Idle Mode When
the microcontroller is in this mode power consump-
tion is reduced The Special Function Registers and
the onboard RAM retain their values during Idle but
the processor stops executing instructions
Idle
Mode will be exited if the chip is reset or if an en-
abled interrupt occurs The PCA timercounter can
optionally be left running or paused during Idle
Mode
POWER DOWN MODE
To save even more power a Power Down mode can
be invoked by software In this mode the oscillator
is stopped and the instruction that invoked Power
Down is the last instruction executed The on-chip
RAM and Special Function Registers retain their val-
ues until the Power Down mode is terminated
On the 8XC51FX either hardware reset or external
interrupt can cause an exit from Power Down Reset
redefines all the SFRs but does not change the on-
chip RAM An external interrupt allows both the
SFRs and the on-chip RAM to retain their values
To properly terminate Power Down the reset or ex-
ternal interrupt should not be executed before VCC is
restored to its normal operating level and must be
held active long enough for the oscillator to restart
and stabilize (normally less than 10 ms)
With an external interrupt INT0 or INT1 must be en-
abled and configured as level-sensitive Holding the
pin low restarts the oscillator but bringing the pin
back high completes the exit Once the interrupt is
serviced the next instruction to be executed after
RETI will be the one following the instruction that put
the device into Power Down
DESIGN CONSIDERATION
 Ambient light is known to affect the internal RAM
contents during operation If the 87C51FX appli-
cation requires the part to be run under ambient
lighting an opaque label should be placed over
the window to exclude light
 When the idle mode is terminated by a hardware
reset the device normally resumes program exe-
cution from where it left off up to two machine
cycles before the internal reset algorithm takes
control On-chip hardware inhibits access to inter-
nal RAM in this event but access to the port pins
is not inhibited To eliminate the possibility of an
unexpected write when Idle is terminated by re-
set the instruction following the one that invokes
Idle should not be one that writes to a port pin or
to external memory
Table 2 Status of the External Pins during Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
NOTE
For more detailed information on the reduced power modes refer to current Embedded Microcontrollers and Processors
Handbook Volume I and Application Note AP-252 (Embedded Applications Handbook) ‘‘Designing with the 80C51BH’’
6


Similar Part No. - 83C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51FA INTEL-83C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
83C51FA INTEL-83C51FA Datasheet
393Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results

Similar Description - 83C51FA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE87C51FC24 INTEL-EE87C51FC24 Datasheet
393Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com