Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8XC251TA Datasheet(PDF) 20 Page - Intel Corporation

Part # 8XC251TA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC251TA Datasheet(HTML) 20 Page - Intel Corporation

Back Button 8XC251TA Datasheet HTML 16Page - Intel Corporation 8XC251TA Datasheet HTML 17Page - Intel Corporation 8XC251TA Datasheet HTML 18Page - Intel Corporation 8XC251TA Datasheet HTML 19Page - Intel Corporation 8XC251TA Datasheet HTML 20Page - Intel Corporation 8XC251TA Datasheet HTML 21Page - Intel Corporation 8XC251TA Datasheet HTML 22Page - Intel Corporation 8XC251TA Datasheet HTML 23Page - Intel Corporation 8XC251TA Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
8xC251TA/TB/TP/TQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
16
ADVANCE INFORMATION
TRHLH2
RD# or PSEN# High to ALE
High (data)
@ 16MHz
@ 24MHz
135
93.4
2TOSC+10
ns (4)
TRHLH2A
RD# or PSEN# High to ALE
High (data)
@ 16MHz
@ 24MHz
180.5
118.1
3TOSC-7
ns (5)
TRHLH1
RD# or PSEN# High to ALE
High (Instruction)
@ 16MHz
@ 24MHz
10
10
10
ns (4)
TRHLH1A
RD# or PSEN# High to ALE
High (Instruction)
@ 16MHz
@ 24MHz
55.5
34.7
TOSC-7
ns (5)
TWHLH
WR# High to ALE Low
@ 16MHz
@ 24MHz
135
93.4
2TOSC+10
ns (4)
TWHLHA
WR# High to ALE Low
@ 16MHz
@ 24MHz
180.5
118.1
3TOSC-7
ns (5)
TAVDV1
Address (mux’d) valid to
Valid Data/ Instruction In
@ 16MHz
@ 24MHz
190
106.8
(2+M+N)
2TOSC-60
ns (3,4)
TAVDV1A
Address (mux’d) valid to
Valid Data/ Instruction In
@ 16MHz
@ 24MHz
159.5
97.1
(1.5+M+N)
2TOSC-28
ns (3,4)
TAVDV2
Address (demux’d) valid to
Valid Data/Instruction In
@ 16MHz
@ 24MHz
212
128.8
(2+M+N)
2TOSC-38
ns (3)
TAVDV3
Address (P0)Valid to Valid
Instruction In
@ 16MHz
@ 24MHz
65
23.4
(1+N)
2TOSC-60
ns (3)
TAVRL
Address Valid to RD# or
PSEN# Low
@ 16MHz
@ 24MHz
85
43.4
(1+M)
2TOSC-40
ns (3,4)
TAVRLA
Address Valid to RD# or
PSEN# Low
@ 16MHz
@ 24MHz
72.5
51.7
(0.5+M)
2TOSC+10
ns (3,5)
Table 11. AC Characteristics (Sheet 3 of 4)
Symbol
Parameter
@ Max FOSC (1)
FOSC Variable
Units
Min
Max
Min
Max


Similar Part No. - 8XC251TA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC251TA INTEL-8XC251TA Datasheet
94Kb / 18P
   Hardware Description
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
   Hardware Description
More results

Similar Description - 8XC251TA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com