Electronic Components Datasheet Search |
|
CB211-15 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc. |
|
CB211-15 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc. |
1 / 5 page Automotive Circuit Breakers For product information and Data Sheets, visit www.cooperbussmann.com 11 December 11, 2008 Consumer Aftermarket Catalog Part No. Blister (Amps) Pack CB211-71/2 CB211-10 X CB211-15 X CB211-20 X CB211-25 X CB211-30 X Part No. (Amps) CB212-10 CB212-15 CB212-20 CB212-25 CB212-30 Part No. (Amps) OEM No. MMB-15 12135171 MMB-20 12135072 CB211 Type I ATM Footprint Circuit Breaker CB212 Type II ATM Footprint Circuit Breaker MMB Type I Wide ATM Footprint Circuit Breaker For GM Vehicles Part No. Description CB22901-1.5 Transorb voltage spike protector CB22902-68 Resistor voltage drop device CB22903-6 Diode reverse current protector CB22903-6V Diode reverse current protector with wing key Cooper Bussmann offers the industry's largest selection of automotive circuit breakers including both OEM-style and fuse-replacement devices. Circuit breakers are designed to offer a variety of performance characteristics including three types of reset. (NOTE: Always follow the OEM's recommendations when replacing circuit breakers. Replace only with the same type breaker in aftermarket applications.) Type I - Automatic Reset Circuit breaker automatically resets after opening. If the fault still exists, the breaker will continue to cycle between ON and OFF positions until the overload is corrected. These devices are sometimes called "cycling breakers." Type I/Automatic Reset circuit breakers do not address, or correct, overcurrent or fault conditions. They only react by cycling OFF and ON. Any overcurrent or fault condition that causes any Type I circuit breaker to operate should be corrected as soon as possible. Continual vehicle operation under an overcurrent or fault condition (causing the Type I circuit breaker to cycle) is NOT recommended. Type II - Modified Reset The circuit breaker will remain tripped (in the OFF position) as long as there's power to the circuit, due to an internal resistor. Type II breakers can be reset by turning off the circuit, or by turning off the ignition switch. These devices are sometimes called "non-cycling breakers." Several Cooper Bussmann Type II breakers feature silver-colored bodies. Type III - Manual Reset The circuit breaker will remain tripped (in the OFF position) until an indicator button or lever is manually reset. Type III breakers are also available with a switchable feature, which allows you to use an external button to disable the circuit. Cooper Bussmann circuit breakers feature our patented fail-safe technology - offering an innovative element design which combines the resetable performance of circuit breakers with the short-circuit protection of a fuse. • Resetable, to work like a normal "cycling" breaker, in low overload conditions. • Under severe overload or short-circuit conditions, the breaker's element will open to prevent damage to the circuit. Blade-Type Breakers Cooper Bussmann blade-type circuit breakers are available in several reset modes that correspond to SAE categories: SAE Type I (automatic reset), SAE Type II (modified reset) and SAE Type III (manual reset). All Cooper Bussmann blade-type circuit breakers utilize carefully designed and manufactured snap-acting thermal elements with precious metal electrical contacts. ATM Footprint Breakers CB211 and CB212 Cooper Bussmann ATM footprint breakers match the blade footprint of ATM fuses. Ultra-thin, to fit in tight spaces - they're the smallest automotive circuit breakers on the market. Cooper Bussmann ATM footprint breakers comply with SAE standard J553. Mini Devices Transorb, resistor and diode vehicle-style electrical protection devices easily install in common ATM fuse holders. These circuit protection devices provide voltage and current limiting functionality to vehicle circuitry; and are designed for the on- and off-highway requirements of heavy trucks, RV, construction, agriculture, ATV and material handling equipment. • Transorb - Protects against voltage spikes. Clamp rating: 27Vdc. Power rating: 1500W • Resistor - Drops circuit voltage. Power rating: 5W. Resistance: 68 Ω. • Diode - Prevents reverse current flow. Amp rating: 6A. |
Similar Part No. - CB211-15 |
|
Similar Description - CB211-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |