Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV3081-33FDM Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT79RV3081-33FDM
Description  RISController with FPA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV3081-33FDM Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT79RV3081-33FDM Datasheet HTML 4Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 5Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 6Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 7Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 8Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 9Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 10Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 11Page - Integrated Device Technology IDT79RV3081-33FDM Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5.5
8
IDT79R3081 RISController
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ØCA
Airflow (ft/min)
0
200
400
600
800
1000
"MJ" Package*
22
14
12
11
9
8
PLCC Package
29
26
21
18
16
15
2889 tbl 01
Table 1. Thermal Resistance (ØCA) at Various Airflows
(*estimated: final values tbd)
NOTES ON SYSTEM DESIGN
The R3081 has been designed to simplify the task of high-
speed system design. Thus, set-up and hold-time requirements
have been kept to a minimum, allowing a wide variety of
system interface strategies.
To minimize these AC parameters, the R3081 employs
feedback from its SysClk output to the internal bus interface
unit. This allows the R3081 to reference input signals to the
reference clock seen by the external system. The
SysClk
output is designed to provide relatively large AC drive to
minimize skew due to slow rise or fall times. A typical part will
have less than 2ns rise or fall (10% to 90% signal times) when
driving the test load.
Therefore, the system designer should use care when
designing for direct SysClk use. Total loading (due to devices
connected on the signal net and the routing of the net itself)
should be minimized to ensure the SysClk output has a
smooth and rapid transition. Long rise and/or fall times may
cause a degradation in the speed capability of an individual
device.
Similarly, the R3081 employs feedback on its ALE output to
ensure adequate address hold time to ALE. The system
designer should be careful when designing the ALE net to
minimize total loading and to minimize skew between ALE and
the A/D bus, which will ensure adequate address access latch
time.
IDT's field and factory applications groups can provide the
system designer with assistance for these and other design
issues.


Similar Part No. - IDT79RV3081-33FDM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV3081-33FDM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
F48P24A-V12-19 VICOR-F48P24A-V12-19 Datasheet
268Kb / 4P
   FPA Evaluation Board
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
VITALCONN ELECTRONICS H...
J21TG07K1NP01 VITALCONN-J21TG07K1NP01 Datasheet
479Kb / 3P
   RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C , WITH LEDs WITH MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com