Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTEN-5080 Datasheet(PDF) 2 Page - TDK Electronics

Part # RTEN-5080
Description  6A to 300A, 500VAC EMI Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RTEN-5080 Datasheet(HTML) 2 Page - TDK Electronics

  RTEN-5080 Datasheet HTML 1Page - TDK Electronics RTEN-5080 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
279
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A2: Feb 2012
RTEN-5006/5010
RTEN-5020/5030/5040/5050/5060
RTEN-5080/5100/5150/5200/5250/5300
Part No.
RTEN-5006
RTEN-5010
RTEN-5020
RTEN-5030
RTEN-5040
RTEN-5050
RTEN-5060
RTEN-5080
RTEN-5100
RTEN-5150
RTEN-5200
RTEN-5250
RTEN-5300
A
120
140
170
267
290
390
B
63
70
90
161
190
195
C
42
42
54
85
88
103
D
110
130
160
247
270
370
E
53
60
80
135
164
169
F
M4
M4
M5
M8
M8
M10
G
M4
M4
M4
M6
M6
M8
H
4.5
4.5
4.5
6.5
6.5
6.5
Recommended clamping torque
Dimensions in mm
M4
1.27N
m
M5
2.5N
m
M6
4.8N
m
M8
7.64N
m
M10
11.8N
m
A
C
F
D
øH
G
C
A
F
D
øH
G
A
C
F
D
øH
G
RTEN Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/r-series.htm
Outline Drawing


Similar Part No. - RTEN-5080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTEN-5080 TDK-RTEN-5080 Datasheet
1Mb / 7P
   Multipurpose Three-Phase Filter with Many Current Variations
More results

Similar Description - RTEN-5080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RSHN-2006 TDK-RSHN-2006 Datasheet
243Kb / 2P
   3A to 300A, 250VAC EMI Filters
logo
Soshin electric Co., Lt...
NF3000C-RQ2 SOSHIN-NF3000C-RQ2 Datasheet
130Kb / 3P
   3-phase 3-line 500VAC Available 10-300A, For general purpose
NF3000A-RQ2 SOSHIN-NF3000A-RQ2 Datasheet
124Kb / 3P
   3-phase 3-lin 250VAC Available 80-300A, Standard of 3-phase EMI filters
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
Panasonic Semiconductor
EXC-CET220U PANASONIC-EXC-CET220U Datasheet
99Kb / 3P
   Chip EMI Filters
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Panasonic Semiconductor
EXCCET220U PANASONIC-EXCCET220U Datasheet
199Kb / 4P
   Chip EMI Filters
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
   Coil type EMI Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com