Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5531 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5531_15 Datasheet HTML 6Page - Analog Devices AD5531_15 Datasheet HTML 7Page - Analog Devices AD5531_15 Datasheet HTML 8Page - Analog Devices AD5531_15 Datasheet HTML 9Page - Analog Devices AD5531_15 Datasheet HTML 10Page - Analog Devices AD5531_15 Datasheet HTML 11Page - Analog Devices AD5531_15 Datasheet HTML 12Page - Analog Devices AD5531_15 Datasheet HTML 13Page - Analog Devices AD5531_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5530/AD5531
Rev. B | Page 10 of 20
3
2
1
–3
–2
–1
0
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFIN VOLTAGE (V)
VDD = +15V
VSS = –15V
REFIN = 0V
TA = 25°C
NEGATIVE INL
POSITIVE INL
0.03
0.02
0.01
0
10
17
16
15
14
13
12
11
+85°C
+25°C
–40°C
SUPPLY VOLTAGE (V)
Figure 11. AD5531 Typical INL Error vs. Reference Voltage
Figure 14. IDD in Power-Down vs. Supply
0
–2.5
–2.0
–1.5
–1.0
–0.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
REFIN = +5V
REFAGND = 0V
12
8
4
0
–4
–8
–12
0
5
10
15
20
25
TIME (µs)
VDD = +15V
VSS = –15V
REFIN = +5V
REFAGND = 0V
TA = 25°C
Figure 12. Typical Full-Scale and Offset Error vs. Temperature
Figure 15. Settling Time
1.50
1.45
1.40
1.35
1.30
1.25
1.20
10
17
16
15
14
13
12
11
+85°C
+25°C
–40°C
VDD/VSS (V)
0
–0.16
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
TIME (750ns/DIV)
VDD = +15V
VSS = –15V
REFIN = +5V
REFAGND = 0V
TA = 25°C
Figure 13. IDD vs. VDD/VSS
Figure 16. Typical Digital-to-Analog Glitch Impulse


Similar Part No. - AD5531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5531BRU AD-AD5531BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5531BRU AD-AD5531BRU Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL AD-AD5531BRU-REEL Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL7 AD-AD5531BRU-REEL7 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRUZ-REEL1 AD-AD5531BRUZ-REEL1 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
More results

Similar Description - AD5531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com