Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5451YUJZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD5451YUJZ-REEL
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451YUJZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5451YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 9Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 10Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 11Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 12Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 13Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 14Page - Analog Devices AD5451YUJZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 11 of 28
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
INPUT VOLTAGE (V)
TA = 25°C
VDD = 3V
VDD = 5V
Figure 24. Supply Current vs. Logic Input Voltage
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VDD = 5V
VDD = 3V
ALL 1s
ALL 0s
Figure 25. Supply Current vs. Temperature
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
6
0
1
2
3
4
5
TA = 25°C
AD5452
LOADING 010101010101
VDD = 5V
VDD = 3V
Figure 26. Supply Current vs. Update Rate
2.5
5.5
VOLTAGE (V)
1.8
1.2
1.0
0.4
0.2
0
VIH
1.6
1.4
0.8
0.6
3.0
3.5
4.5
4.0
5.0
VIL
TA = 25°C
Figure 27. Threshold Voltage vs. Supply Voltage
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ALL ON
DB11
DB10
DB9
DB8
DB6
DB5
DB4
DB3
DB7
DB2
DB12
DB13
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
TA = 25°C
LOADING
ZS TO FS
Figure 28. Reference Multiplying Bandwidth vs. Frequency and Code
0.6
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
Figure 29. Reference Multiplying Bandwidth—All 1s Loaded


Similar Part No. - AD5451YUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5451YUJZ-REEL AD-AD5451YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451YUJZ-REEL7 AD-AD5451YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Similar Description - AD5451YUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com