Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R2-30YLC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN1R2-30YLC
Description  NextPower MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R2-30YLC Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN1R2-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
NextPower 25 V & 30 V MOSFETs
in LFPAK (Power-SO8)
Benefits of Superjunction technology
Many suppliers focus on two favourable indicators when defining MOSFET performance, but this only tells part of the story.
The spider chart below shows the relative performance of NextPower versus the leading MOSFET vendors, comparing
the six most important MOSFET parameters required for high-performance & high reliability switching applications. The
outside edge of the graph represents the ‘best-in-class’ performance, whilst scoring towards the centre of the graph
represents a weakness.
} Low R
DS(on) gives low I
2
R losses and superior performance
when used in a SYNC FET or power OR-ing application
} Low Q
oss gives reduced losses between the drain
& source terminals since the energy stored in
the output capacitance (C
oss) is wasted whenever
the voltage changes across the output terminals
} SOA performance provides tolerance to overload & fault
conditions. The graph shows the maximum allowable
current for a 1 mS pulse at V
DS=10 V
} Low Miller charge (Q
GD) gives reduced switching losses
between the MOSFET’s drain & source terminals when
the MOSFET turns ON or turns OFF
} Low gate charge (Q
G) gives reduced losses in the gate
drive circuit since less energy is required to turn the
MOSFET ON & OFF
} Superior junction temperature rating, T
j(max), is proof that
LFPAK is the most rugged Power-SO8 package available.
LFPAK is the best choice for demanding environments
and where high reliability is required
Comparison of NextPower technology with key competitor types
RDS(on)max
@ Vgs = 4.5 V
T
j(max)
NXP
Competitor A
Competitor B
Combined Q
G &
Q
GD FOM
SOA rating
Q
oss FOM


Similar Part No. - PSMN1R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-30YLC NXP-PSMN1R2-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011
PSMN1R2-30YLC PHILIPS-PSMN1R2-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
More results

Similar Description - PSMN1R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R5-40PS PHILIPS-PSMN1R5-40PS Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Hubbell Incorporated.
PREMISE_C5ELPRR HUBBELL-PREMISE_C5ELPRR Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGY HUBBELL-PREMISE_C5ELPPGY Datasheet
493Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGN HUBBELL-PREMISE_C5ELPPGN Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPBK HUBBELL-PREMISE_C5ELPPBK Datasheet
486Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRW HUBBELL-PREMISE_C5ELPRW Datasheet
597Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRP HUBBELL-PREMISE_C5ELPRP Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPV HUBBELL-PREMISE_C5ELPPV Datasheet
402Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPLG HUBBELL-PREMISE_C5ELPPLG Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com