Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R2-25YLC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN1R2-25YLC
Description  NextPower MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R2-25YLC Datasheet(HTML) 7 Page - NXP Semiconductors

  PSMN1R2-25YLC Datasheet HTML 1Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 2Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 3Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 4Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 5Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 6Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 7Page - NXP Semiconductors PSMN1R2-25YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
NextPower types - Coming in Q3-2011
Further NextPower types are planned for release in Q3-2011. Preliminary data is provided in the tables below. These types are
recommended for control-FET applications in synchronous-buck regulators. YLB types have an integrated snubber circuit to
further reduce spiking levels for critical applications.
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
PSMN5R0-25YLB
25
6.1
PSMN5R0-25YLC
25
6.6
PSMN6R0-25YLC
25
7.3
PSMN7R3-25YLC
25
8.9
PSMN9R0-25YLC
25
10.7
PSMN011-25YLC
25
12.7
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
PSMN6R0-30YLB
30
6.7
PSMN6R0-30YLC
30
7.6
PSMN7R0-30YLC
30
8.5
PSMN8R6-30YLC
30
10.3
PSMN011-30YLC
30
11.7
PSMN012-30YLC
30
13.8
MOSFET BRAND NAME
MOSFET
type
N-ch or
P-ch
MOSFET
on-resistance
R
DS(on)
-
MOSFET voltage
BV
DS
Package type
Gate threshold
voltage
NextPower
special features
P
S
M
N
1
R
7
-
25
Y
L
C
Power Silicon Max
N = N-ch
R95 = 0.95 mΩ
-
25 = 25 V
B = D2PAK
SOT404
L = Logic-level
C = Optimised
for Q
g(fom)
P = P-ch
1R7 = 1.7 mΩ
-
30 = 30 V
D = DPAK
SOT428
S = Standard-level
B = integrated
snubber
X =
Dual N-ch
014 = 14 mΩ
-
40 = 40 V
E = I2PAK
SOT226
Y =
Dual P-ch
125 = 125 mΩ
-
60 = 60 V
K = SO8
SOT96
Z =
N-ch + P-ch
-
80 = 80 V
L = QFN3333
SOT873
-
100 = 100 V
P = TO220
SOT78
-
110 = 110 V
Y = LFPAK
SOT669 &
SOT1023
-
120 = 120 V
X = TO220F
(FULLPACK)
SOT186A
Part numbering for NXP MOSFETs
types in bold red italic underline represent products in development


Similar Part No. - PSMN1R2-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
350Kb / 15P
   N-channel 25 V 1.3 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
logo
Nexperia B.V. All right...
PSMN1R2-25YLC NEXPERIA-PSMN1R2-25YLC Datasheet
930Kb / 15P
   N-channel 25 V 1.3 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
logo
NXP Semiconductors
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC_15 Datasheet
350Kb / 15P
   N-channel 25 V 1.3 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
More results

Similar Description - PSMN1R2-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R5-40PS PHILIPS-PSMN1R5-40PS Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Hubbell Incorporated.
PREMISE_C5ELPRR HUBBELL-PREMISE_C5ELPRR Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGY HUBBELL-PREMISE_C5ELPPGY Datasheet
493Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPGN HUBBELL-PREMISE_C5ELPPGN Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPBK HUBBELL-PREMISE_C5ELPPBK Datasheet
486Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPRW HUBBELL-PREMISE_C5ELPRW Datasheet
597Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPRP HUBBELL-PREMISE_C5ELPRP Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
PREMISE_C5ELPPV HUBBELL-PREMISE_C5ELPPV Datasheet
402Kb / 1P
   NextPower Catrgory 5E 4PPoE
PREMISE_C5ELPPLG HUBBELL-PREMISE_C5ELPPLG Datasheet
495Kb / 1P
   NEXTPOWER CATEGORY 5E 4PPoE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com