Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2746M-TE1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2746M-TE1
Description  Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2746M-TE1 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2746M-TE1 Datasheet HTML 1Page - New Japan Radio NJM2746M-TE1 Datasheet HTML 2Page - New Japan Radio NJM2746M-TE1 Datasheet HTML 3Page - New Japan Radio NJM2746M-TE1 Datasheet HTML 4Page - New Japan Radio NJM2746M-TE1 Datasheet HTML 5Page - New Japan Radio NJM2746M-TE1 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2746
- 1 -
Ver.2012-10-17
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
■GENERAL DESCRIPTION
■PACKAGE INFORMATION
The NJM2746 is a Rail-to-Rail Output single supply dual operational
amplifier with a low noise of 10nV/√Hz.
It has an output voltage swing closer to the rails, which can offer a
wide dynamic range of output voltage easer compared with
conventionally single supply operational amplifiers.
And Input voltage range extended from ground level makes it
suited for single supply operation. The NJM2746 is suitable for
various amplifiers and filters using in sound processing, signal
detection and other applications. The NJM2746 is available in a wide
variety of packages, SOP8 (DMP8), SOP8 JEDEC 150 mil, SSOP8,
MSOP8 (TVSP8) and a small lead-less 2020 size package of
ESON8 which allows high-density mounting.
■ FEATURES
●Operating Voltage
2.5V to 14V
●Rail-to-Rail Output
VOH ≥4.9V Typ. (at V
+=5V, RL=5kΩ)
VOL ≤0.1V Typ. (at V
+=5V, RL=5kΩ)
●Offset Voltage
1mV Typ.
●Slew Rate
3.5V/µs Typ.
. ●Low Distortion
0.001% Typ. (at V+=5V, f=1kHz)
. ●Low Input Voltage Noise
10nV/√Hz Typ. (at f=1kHz)
●Bipolar Technology
●Package Outline
DMP8,
SSOP8,
MSOP8 (TVSP8) MEET JEDEC MO-187-DA/ THIN TYPE
SOP8 JEDEC 150mil,
ESON8 (2020)
■ PIN CONFIGURATION
PIN FUNCTION
1. A OUTPUT
2. A - INPUT
3. A +INPUT
4. GND(V
)
5. B +INPUT
6. B - INPUT
7. B OUTPUT
8. V
+
NJM2746M
NJM2746E
NJM2746V
NJM2746RB1
1
2
3
4
8
7
6
5
B
A
(Top View)
About Exposed Pad
Connect the Exposed Pad on the GND.
NJM2746KU1
1
2
3
4
8
7
6
5
B
A
(Top View)
(Bottom View)
1
2
3
4
8
7
6
5
Exposed
Pad
NJM2746M
( DMP8 )
NJM2746E
( SOP8 )
NJM2746V
( SSOP8 )
NJM2746RB1
(MSOP8 (TVSP8) )
NJM2746KU1
( ESON8 )


Similar Part No. - NJM2746M-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2746M NJRC-NJM2746M Datasheet
259Kb / 7P
   Single Supply Dual Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2746M-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
[Old version datasheet]   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com