Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2893A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # N2893A
Description  InfiniiVision Oscilloscope Probes and Accessories
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N2893A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button N2893A Datasheet HTML 4Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 5Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 6Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 7Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 8Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 9Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 10Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 11Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
08 | Keysight | InfiniiVision Oscilloscope Probes and Accessories - Data Sheet
InfiniiMax Active Probes
and Accessories
1130A-34A InfiniiMax
high-performance active probe
system
– 1.5 - 7 GHz InfiniiMax probe system
– InfiniiMax probe amplifier supports
both differential- and single-ended
measurements for a more
cost-effective solution
– Unrivaled InfiniiMax probing
accessories support browsing,
solder-in, and socketed use models at
the maximum performance available
– Compatible with 3000 X-, 4000 X-,
6000 X-, 5000, 6000, and 7000 Series
oscilloscopes (except for 6000 Series
100-MHz models)
The InfiniiMax 1130A Series probe
amplifier is a perfect complement to the
InfiniiVision 1 GHz or higher bandwidth
models. Its bandwidth, extremely low
input capacitance (0.32 pF), high
common mode rejection, and patented
resistor probe tip technology provide ultra
low loading of the DUT and superior signal
fidelity. Keysight’s innovative InfiniiMax
1130A Series differential probe is the
easiest-to-use, and highest performance
probing system available for high-speed
digital design, and represents a new
industry standard for accuracy, flexibility,
and reliability. Designers can achieve full
system bandwidth in conjunction with
InfiniiVision Series oscilloscopes even
when manually browsing with the probe or
making hands-off measurements.
Optional solder-in probe heads and
solder-in sockets, as well as browser
configuration provide full bandwidth at the
probe tip.
Operating characteristics
Probe bandwidth (–3 dB)
1134A: > 7 GHz
1132A: > 5 GHz
1131A: > 3.5 GHz
1130A: > 1.5 GHz
Rise and fall time
(10 to 90%)
1134A: 60 psec
1132A: 86 psec
1131A: 100 psec
1130A: 233 psec
Input capacitance
Cm = 0.1 pF Cm is between tips
Cg = 0.34 pF Cg is ground for each tip
Cdiff = 0.27 pF Differential mode capacitance = Cm + Cg/2
Cse = 0.44 pF Single-ended mode capacitance = Cm + Cg
Input resistance
Differential mode resistance = 50 kΩ ± 2%
Single-ended mode resistance = 25 kΩ ± 2%
Input dynamic range
±2.5 V
Input common mode range
±6.75 Vdc to 100 Hz; ±1.25 V > 100 Hz
Maximum signal slew rate
18 V/ns when probing a single-ended signal
30 V/ns when probing a differential signal
DC attenuation
10:1 ± 3% before calibration on oscilloscope
10:1 ± 1% after calibration on oscilloscope
Offset range
±12.0 V when probing single-ended signal
Maximum input voltage
30 Vpeak, CAT I
ESD tolerance
> 8 kV from 100 pF, 300 Ω HBM
Maximum number of probes
supported by
3000 X-/5000/6000/7000 Series
2
Maximum number of probes
supported by 4000 X- and 6000
X-Series
4
Keysight 1130A InfiniiMax probe offers you the highest performance available for measuring differential and
single-ended signals


Similar Part No. - N2893A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2893A KEYSIGHT-N2893A Datasheet
2Mb / 38P
   InfiniiVision 3000T X- Series
N2893A KEYSIGHT-N2893A Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
More results

Similar Description - N2893A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
logo
Pomona Electronics
6552 POMONA-6552 Datasheet
65Kb / 2P
   Microline Oscilloscope Probes
5800A POMONA-5800A Datasheet
86Kb / 2P
   General Purpose Oscilloscope Probes
logo
Keysight Technologies
DSOXDVM KEYSIGHT-DSOXDVM Datasheet
785Kb / 2P
   InfiniiVision X-Series Oscilloscope Measurement Options
54754A KEYSIGHT-54754A Datasheet
5Mb / 16P
   DCA Probes Accessories
DSOX6VID KEYSIGHT-DSOX6VID Datasheet
785Kb / 2P
   InfiniiVision X-Series Oscilloscope Measurement Options
logo
Extech Instruments Corp...
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-TX1 EXTECH-HDV-TX1 Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-WTX2L EXTECH-HDV-WTX2L Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com