Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFJ-200 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # DFJ-200
Description  DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DFJ-200 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  DFJ-200 Datasheet HTML 1Page - Cooper Bussmann, Inc. DFJ-200 Datasheet HTML 2Page - Cooper Bussmann, Inc. DFJ-200 Datasheet HTML 3Page - Cooper Bussmann, Inc. DFJ-200 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Drive Fuse Class J
1113
BU-SB131065
Page 3 of 4
Data Sheet # 1048
Time-Current Curves - Average Melt
DFJ — 600Vac/450Vdc, 1-600A High Speed Fuse


Similar Part No. - DFJ-200

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-200 COOPER-DFJ-200 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ-200 EATON-DFJ-200 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
More results

Similar Description - DFJ-200

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
   KTS-R-600Vac, 1-600A, Fast-Acting Fuses
logo
Schneider Electric
QMB366W SCHNEIDER-QMB366W Datasheet
87Kb / 2P
   600A 15 Inch 3P 600VAC Fusible Switch
logo
Cooper Bussmann, Inc.
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
   JKS ??600Vac, 70-600A, Fast-Acting Fuses
logo
Littelfuse
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
logo
DDK Ltd.
DFJ-PC020-S931080D DDK-DFJ-PC020-S931080D Datasheet
273Kb / 4P
   DFJ-PC020-S931080D
logo
Cooper Bussmann, Inc.
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
logo
List of Unclassifed Man...
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com