Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5392
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5392_15 Datasheet HTML 16Page - Analog Devices AD5392_15 Datasheet HTML 17Page - Analog Devices AD5392_15 Datasheet HTML 18Page - Analog Devices AD5392_15 Datasheet HTML 19Page - Analog Devices AD5392_15 Datasheet HTML 20Page - Analog Devices AD5392_15 Datasheet HTML 21Page - Analog Devices AD5392_15 Datasheet HTML 22Page - Analog Devices AD5392_15 Datasheet HTML 23Page - Analog Devices AD5392_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD5390/AD5391/AD5392
Data Sheet
Rev. F | Page 20 of 44
BUSY
VOUT
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
Figure 17. AD5390/AD5391/AD5392 Exiting Soft Power-Down
PD
VOUT
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
Figure 18. AD5390/AD5391/AD5392 Exiting Hardware Power-Down
VDD
VOUT
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
Figure 19. AD5390/AD5391/AD5392 Power-Up Transient
CURRENT (mA)
–40
–20
–10
–5
–2
0
2
5
10
20
40
–1
6
4
3
2
5
1
0
ZERO SCALE
1/4 SCALE
MIDSCALE
3/4 SCALE
FULL SCALE
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
Figure 20. AD5390-5/AD5391-5/AD5392-5 Source and Sink Capability
ISOURCE/ISINK (mA)
2.00
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
–0.20
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.15
AVDD = 5V
VREF = 2.5V
TA = 25°C
ERROR AT ZERO SINKING CURRENT
(VDD–VOUT) AT FULL-SCALE SOURCING CURRENT
Figure 21. Headroom at Rails vs. Source/Sink Current
2.510
2.505
2.500
2.995
2.990
012
10
8
6
4
2
TIME (µs)
Figure 22. AD5390-5/AD5391-5/AD5392-5 Glitch Impulse Energy


Similar Part No. - AD5392_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5392BCP-3-REEL AD-AD5392BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3-REEL7 AD-AD5392BCP-3-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Similar Description - AD5392_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com