Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5391 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5391
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5391 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5391_15 Datasheet HTML 22Page - Analog Devices AD5391_15 Datasheet HTML 23Page - Analog Devices AD5391_15 Datasheet HTML 24Page - Analog Devices AD5391_15 Datasheet HTML 25Page - Analog Devices AD5391_15 Datasheet HTML 26Page - Analog Devices AD5391_15 Datasheet HTML 27Page - Analog Devices AD5391_15 Datasheet HTML 28Page - Analog Devices AD5391_15 Datasheet HTML 29Page - Analog Devices AD5391_15 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD5390/AD5391/AD5392
Data Sheet
Rev. F | Page 26 of 44
Standalone Mode
By connecting the daisy-chain enable (DCEN) pin low, stand-
alone mode is enabled. The serial interface works with both a
continuous and a noncontinuous serial clock. The first falling
edge of SYNC starts the write cycle and resets a counter that
counts the number of serial clocks to ensure that the correct
number of bits is shifted into the serial shift register. Any
further edges on SYNC (except for a falling edge) are ignored
until 24 bits are clocked in. Once 24 bits have been shifted in,
the SCLK is ignored. For another serial transfer to take place,
the counter must be reset by the falling edge of SYNC.
Daisy-Chain Mode
For systems that contain several devices, the SDO pin can be
used to daisy-chain the devices together. This daisy-chain mode
can be useful in system diagnostics and for reducing the number
of serial interface lines.
By connecting the DCEN pin high, daisy-chain mode is
enabled. The first falling edge of SYNC starts the write cycle.
The SCLK is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied,
the data ripples out of the shift register and appears on the
SDO line. This data is clocked out on the rising edge of SCLK
and is valid on the falling edge. By connecting the SDO of the
first device to the DIN input on the next device in the chain,
a multidevice interface is constructed. For each device in the
system, 24 clock pulses are required. Therefore, the total
number of clock cycles must equal 24N where N is the total
number of AD5390/AD5391/AD5392 devices in the chain.
When the serial transfer to all devices is complete, SYNC is
taken high. This latches the input data in each device in the
daisy chain and prevents any further data from being clocked
into the input shift register.
If SYNC is taken high before 24 clocks are clocked into the part,
it is considered a bad frame and the data is discarded.
The serial clock can be either a continuous or a gated clock. A
continuous SCLK source can be used only if the SYNC can be
held low for the correct number of clock cycles. In gated clock
mode, a burst clock containing the exact number of clock cycles
must be used and SYNC taken high after the final clock to latch
the data.
Readback Mode
Readback mode is invoked by setting the R/W bit = 1 in the serial
input register write sequence. With R/W = 1, Bit A3 to Bit A0
in association with Bits REG1 and REG0 select the register to
be read. The remaining data bits in the write sequence are don’t
care bits. During the next SPI write, the data appearing on the
SDO output contains the data from the previously addressed
register. For a read of a single register, the NOP command can be
used in clocking out the data from the selected register on SDO.
The readback diagram in Figure 32 shows the readback sequence.
For example, to read back the m register of Channel 0 on the
AD5390/AD5391/AD5392, the following sequence should be
implemented:
First, write 0x404XXX to the AD5390/AD5391/AD5392 input
register. This configures the AD5390/AD5391/AD5392 for read
mode with the m register of Channel 0 selected. Note that all
data bits, DB13 to DB0, are don’t care bits.
Follow this with a second write, a NOP condition, and 0x000000.
During this write, the data from the m register is clocked out on
the DOUT line, that is, data clocked out contains the data from
the m register in Bit DB13 to Bit DB0, and the top 10 bits con-
tain the address information as previously written. In readback
mode, the SYNC signal must frame the data. Data is clocked out
on the rising edge of SCLK and is valid on the falling edge of
the SCLK signal. If the SCLK idles high between the write and
read operations of a readback, the first bit of data is clocked out
on the falling edge of SYNC.
24
48
SCLK
SYNC
DIN
SDO
UNDEFINED
SELECTED REGISTER DATA CLOCKED OUT
NOP CONDITION
INPUT WORD SPECIFIES REGISTER TO BE READ
DB23
DB0
DB0
DB23
DB23
DB0
DB0
DB23
Figure 32. Readback Operation


Similar Part No. - AD5391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391BCP-3 AD-AD5391BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5391BCP-3 AD-AD5391BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5391BCP-3 AD-AD5391BCP-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5391BCP-3-REEL AD-AD5391BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5391BCP-3-REEL7 AD-AD5391BCP-3-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Similar Description - AD5391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com