Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS6042 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS6042
Description  6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6042 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS6042 Datasheet HTML 4Page - Semtech Corporation GS6042 Datasheet HTML 5Page - Semtech Corporation GS6042 Datasheet HTML 6Page - Semtech Corporation GS6042 Datasheet HTML 7Page - Semtech Corporation GS6042 Datasheet HTML 8Page - Semtech Corporation GS6042 Datasheet HTML 9Page - Semtech Corporation GS6042 Datasheet HTML 10Page - Semtech Corporation GS6042 Datasheet HTML 11Page - Semtech Corporation GS6042 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
GS6042
Final Data Sheet
Rev. 3
PDS-060055
May 2014
8 of 21
Proprietary and Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input Data Rate
DRDDO
125
6250
Mb/s
1
Input Voltage Swing
ΔVSDI
Differential,
270Mb/s and 1.485Gb/s
720
800
950
mVppd
2
Differential,
2.97Gb/s and 5.94Gb/s
720
800
880
mVppd
2
Output Voltage Swing
ΔVDDO
100
Ω differential load,
OP_CTL set for high
swing
700
850
1000
mVppd
100
Ω differential load,
OP_CTL set for low swing
350
425
500
mVppd
Output Jitter at Various
Cable Lengths and Data
Rates
6.25Gb/s
Belden 1694A: 0-50m
0.35
UI
4, 5
5.94Gb/s
Belden 1694A: 0-80m
0.35
0.5
UI
4, 5
2.97Gb/s
Belden 1694A: 0-100m
——
0.2
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 100-150m
——
0.3
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 150-170m
——
0.4
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 170-200m
——
0.5
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 210m
—0.5
UI
4, 5
1.485Gb/s
Belden 1694A: 0-200m
——
0.2
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 200-260m
——
0.3
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 260-300m
—0.3
UI
4, 5
270Mb/s
Belden 1694A: 0-300m
0.1
0.15
UI
3, 4, 5
270Mb/s
Belden 1694A: 300-500m
0.25
UI
3, 4, 5


Similar Part No. - GS6042

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS6042 GENNUM-GS6042 Datasheet
1,018Kb / 21P
   Automatic cable equalization
More results

Similar Description - GS6042

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com