Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX07YTTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX07YTTR
Description  Low-voltage CMOS hex buffer (open drain)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07YTTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX07YTTR Datasheet HTML 3Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 4Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 5Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 6Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 7Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 8Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 9Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 10Page - STMicroelectronics 74LCX07YTTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LCX07
Electrical characteristics
Doc ID 6818 Rev 8
7/16
Table 8.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min.
Max.
tPLZ
Propagation delay time
2.7
50
500
2.5
7.0
ns
3.0 to 3.6
1.0
5.2
tPZL
Propagation delay time
2.7
50
500
2.5
7.0
ns
3.0 to 3.6
1.0
5.2
tOSLH
tOSHL
Output to output skew time(1), (2)
3.0 to 3.6
50
500
2.5
1.0
ns
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|).
2.
Parameter guaranteed by design.
Table 9.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
COUT
Output capacitance
3.3
VIN = 0 to VCC
14
pF
CPD
Power dissipation capacitance(1)
3.3
fIN = 10 MHz
VIN = 0 or VCC
4.3
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Section 5: Test circuit). Average operating current can be obtained by the following
equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate).


Similar Part No. - 74LCX07YTTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07BQX FAIRCHILD-74LCX07BQX Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
More results

Similar Description - 74LCX07YTTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
Motorola, Inc
MC74LCX05 MOTOROLA-MC74LCX05 Datasheet
114Kb / 4P
   LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
   HEX BUFFER OPEN DRAIN
February 1993
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com