Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX07TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX07TTR
Description  Low-voltage CMOS hex buffer (open drain)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07TTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX07TTR Datasheet HTML 1Page - STMicroelectronics 74LCX07TTR Datasheet HTML 2Page - STMicroelectronics 74LCX07TTR Datasheet HTML 3Page - STMicroelectronics 74LCX07TTR Datasheet HTML 4Page - STMicroelectronics 74LCX07TTR Datasheet HTML 5Page - STMicroelectronics 74LCX07TTR Datasheet HTML 6Page - STMicroelectronics 74LCX07TTR Datasheet HTML 7Page - STMicroelectronics 74LCX07TTR Datasheet HTML 8Page - STMicroelectronics 74LCX07TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LCX07
Maximum ratings
Doc ID 6818 Rev 8
5/16
3
Maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Recommended
operating conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to +7.0
V
VO
DC output voltage (VCC = 0 V)
-0.5 to +7.0
V
VO
DC output voltage (high or low state)(1)
1.
IO absolute maximum rating must be observed.
-0.5 to VCC + 0.5
V
IIK
DC input diode current
-50
mA
IOK
DC output diode current(2)
2.
VO < GND.
-50
mA
IO
DC output current
±50
mA
ICC
DC supply current per supply pin
± 100
mA
IGND
DC ground current per supply pin
± 100
mA
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Truth table guaranteed: 1.5 V to 3.6 V.
2.0 to 3.6
V
VI
Input voltage
0 to 5.5
V
VO
Output voltage (VCC = 0 V)
0 to 5.5
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL
High or low level output current (VCC = 3.0 to 3.6 V)
± 24
mA
IOH, IOL High or low level output current (VCC = 2.7 V)
± 12
mA
dt/dv
Input rise and fall time(2)
2.
VIN from 0.8 V to 2 V at VCC = 3.0 V.
0 to 10
ns/V


Similar Part No. - 74LCX07TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX07TTR STMICROELECTRONICS-74LCX07TTR Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LCX07TTR STMICROELECTRONICS-74LCX07TTR Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
More results

Similar Description - 74LCX07TTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
Motorola, Inc
MC74LCX05 MOTOROLA-MC74LCX05 Datasheet
114Kb / 4P
   LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
   HEX BUFFER OPEN DRAIN
February 1993
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com