Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C51 Datasheet(PDF) 16 Page - Intel Corporation

Part # 87C51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C51 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 87C51 Datasheet HTML 12Page - Intel Corporation 87C51 Datasheet HTML 13Page - Intel Corporation 87C51 Datasheet HTML 14Page - Intel Corporation 87C51 Datasheet HTML 15Page - Intel Corporation 87C51 Datasheet HTML 16Page - Intel Corporation 87C51 Datasheet HTML 17Page - Intel Corporation 87C51 Datasheet HTML 18Page - Intel Corporation 87C51 Datasheet HTML 19Page - Intel Corporation 87C51 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
87C5180C51BH80C31BH
SERIAL PORT TIMINGSHIFT REGISTER MODE
12 MHz
24 MHz
Variable Oscillator
Symbol
Parameter
Oscillator
Oscillator
Units
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port Clock
10
0500
12TCLCL
m
s
Cycle Time
TQVXH
Output Data Setup
700
284
10TCLCLb133
ns
to Clock Rising Edge
TXHQX
Output Data Hold
ns
After Clock
Rising Edge
87C51BH
50
2TCLCLb117
87C51-24BH-24
34
2TCLCLb34
TXHDX
Input Data Hold
0
0
0
ns
After Clock
Rising Edge
TXHDV
Clock Rising Edge
700
283
10TCLCLb133
ns
to Input Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
272335 – 18
AC TESTING INPUT OUTPUT WAVEFORMS
272335 – 19
AC inputs during testing are driven at VCC b 05 for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing measurements are made at VIH
min for a Logic ‘‘1’’ and VIL max for a Logic ‘‘0’’
FLOAT WAVEFORMS
272335 – 20
For timing purposes a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loaded VOH VOL level occurs
IOL IOH e g20 mA
16


Similar Part No. - 87C51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C51 PHILIPS-87C51 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C51 PHILIPS-87C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
87C51 PHILIPS-87C51 Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Intel Corporation
87C51F INTEL-87C51F Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 87C51

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com