Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C51 Datasheet(PDF) 15 Page - Intel Corporation

Part # 87C51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C51 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 87C51 Datasheet HTML 11Page - Intel Corporation 87C51 Datasheet HTML 12Page - Intel Corporation 87C51 Datasheet HTML 13Page - Intel Corporation 87C51 Datasheet HTML 14Page - Intel Corporation 87C51 Datasheet HTML 15Page - Intel Corporation 87C51 Datasheet HTML 16Page - Intel Corporation 87C51 Datasheet HTML 17Page - Intel Corporation 87C51 Datasheet HTML 18Page - Intel Corporation 87C51 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
87C5180C51BH80C31BH
EXTERNAL DATA MEMORY WRITE CYCLE
272335-14
EXTERNAL CLOCK DRIVE
All parameter values apply to all devices unless otherwise indicated In this
table 87C51BH refers to 87C51BH 87C51-1BH-1 and 87C51-2BH-2
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
87C51BH
35
12
MHz
87C51-1BH-1
35
16
MHz
87C51-2BH-2
05
12
MHz
87C51-24BH-24
35
24
MHz
TCHCX
High Time
87C51BH
20
ns
8751-24BH-24
035TCLCL
065TCLCL
ns
TCLCX
Low Time
87C51BH
20
ns
87C51-24BH-24
035TCLCL
065TCLCL
ns
TCLCH
Rise Time
87C51BH
20
ns
87C51-24BH-24
10
ns
TCHCL
Fall Time
87C51BH
20
ns
87C51-24BH-24
10
ns
EXTERNAL CLOCK DRIVE WAVEFORM
272335 – 15
15


Similar Part No. - 87C51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C51 PHILIPS-87C51 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C51 PHILIPS-87C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
87C51 PHILIPS-87C51 Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Intel Corporation
87C51F INTEL-87C51F Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 87C51

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com