Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C196KD Datasheet(PDF) 10 Page - Intel Corporation

Part # 87C196KD
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KD Datasheet(HTML) 10 Page - Intel Corporation

Back Button 87C196KD Datasheet HTML 6Page - Intel Corporation 87C196KD Datasheet HTML 7Page - Intel Corporation 87C196KD Datasheet HTML 8Page - Intel Corporation 87C196KD Datasheet HTML 9Page - Intel Corporation 87C196KD Datasheet HTML 10Page - Intel Corporation 87C196KD Datasheet HTML 11Page - Intel Corporation 87C196KD Datasheet HTML 12Page - Intel Corporation 87C196KD Datasheet HTML 13Page - Intel Corporation 87C196KD Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AUTOMOTIVE 87C196KD
AC CHARACTERISTICS (Continued)
For use over specified operating conditions
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 16 MHz
The 87C196KD will meet these specifications
Symbol
Description
Min
Max
Units
Notes
FXTAL
Frequency on XTAL1
40
16
MHz
(Note 1)
TOSC
IFXTAL
625
250
ns
TXHCH
XTAL1 High to CLKOUT High or Low
20
110
ns
TCLCL
CLKOUT Cycle Time
2 TOSC
ns
TCHCL
CLKOUT High Period
TOSC b 10
TOSCa15
ns
TCLLH
CLKOUT Falling Edge to ALE Rising
b
515
ns
TLLCH
ALE Falling Edge to CLKOUT Rising
b
25
a
15
ns
TLHLH
ALE Cycle Time
4 TOSC
ns
(Note 4)
TLHLL
ALE High Period
TOSC b 10
TOSCa10
ns
TAVLL
Address Setup to ALE Falling Edge
TOSC b 15
TLLAX
Address Hold after ALE Falling Edge
TOSC b 35
ns
TLLRL
ALE Falling Edge to RD Falling Edge
TOSC b 35
ns
TRLCL
RD Low to CLKOUT Falling Edge
0
35
ns
TRLRH
RD Low Period
TOSC b 5
ns
(Note 4)
TRHLH
RD Rising Edge to ALE Rising Edge
TOSC
TOSC a 25
ns
(Note 2)
TRLAZ
RD Low to Address Float
5
ns
TLLWL
ALE Falling Edge to WR Falling Edge
TOSC b 10
ns
TCLWL
CLKOUT Low to WR Falling Edge
0
25
ns
TQVWH
Data Stable to WR Rising Edge
TOSC b 30
(Note 4)
TCHWH
CLKOUT High to WR Rising Edge
b
515
ns
TWLWH
WR Low Period
TOSC b 30
ns
(Note 4)
TWHQX
Data Hold after WR Rising Edge
TOSC b 25
ns
TWHLH
WR Rising Edge to ALE Rising Edge
TOSC b 10
TOSC a 15
ns
(Note 2)
TWHBX
BHE INST after WR Rising Edge
TOSC b 10
ns
TWHAX
AD8 – 15 HOLD after WR Rising
TOSC b 30
ns
(Note 3)
TRHBX
BHE INST after RD Rising Edge
TOSC b 10
ns
TRHAX
AD8 – 15 HOLD after RD Rising
TOSC b 25
ns
(Note 3)
NOTES
1 Testing performed at 40 MHz However the device is static by design and will typically operate below 1 Hz
2 Assuming back-to-back bus cycles
3 8-Bit bus only
4 If wait states are used add 2 TOSC
N where N e number of wait states
10


Similar Part No. - 87C196KD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196KD INTEL-87C196KD Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
More results

Similar Description - 87C196KD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com