Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C196CB Datasheet(PDF) 23 Page - Intel Corporation

Part # 87C196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 23 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 19Page - Intel Corporation 87C196CB Datasheet HTML 20Page - Intel Corporation 87C196CB Datasheet HTML 21Page - Intel Corporation 87C196CB Datasheet HTML 22Page - Intel Corporation 87C196CB Datasheet HTML 23Page - Intel Corporation 87C196CB Datasheet HTML 24Page - Intel Corporation 87C196CB Datasheet HTML 25Page - Intel Corporation 87C196CB Datasheet HTML 26Page - Intel Corporation 87C196CB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
87C196CA87C196CB
t e 1 state time (125 ns
16 MHz)
NORMAL MASTERSLAVE OPERATION
Symbol
Parameter
Min
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low TimeClock High Time
2t b10
ns(1)
TCLDV
Clock Falling to Data Out Valid (Master)
05t
15t a 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
05t
15t a 50
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCHDX
Clock Rising Edge to Data in Invalid
t a 15
ns
Timings are guaranteed by design
HANDSHAKE OPERATION
Symbol
Parameter
Min
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low TimeClock High Time
2t b10
ns(1)
TCLDV
Clock Falling to Data Out Valid (Master)
05t
15t a 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
05t
15t a 50
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCLDX
Clock Rising Edge to Data in Invalid
t a 15
ns
Timings are guaranteed by design
NOTE
1 This specification refers to input clocks during slave operation During master operation the device will output a nominal
50% duty cycle clock
272405 – 34
NOTE
The top SCx signal assumes that the SSIO is configured to sample on the leading edge with an active-high clock signal
The SCx signal will be different for other configurations however setup and hold timings will still be the same in relation
to the latching edge of SCx
Figure 6 Synchronous Serial Port
23


Similar Part No. - 87C196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196CB INTEL-87C196CB Datasheet
1Mb / 36P
   20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
More results

Similar Description - 87C196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AS87C196CB20 INTEL-AS87C196CB20 Datasheet
1Mb / 36P
   20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196KR INTEL-87C196KR Datasheet
324Kb / 25P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com