Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFKM/0121HST Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFKM/0121HST
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKM/0121HST Datasheet(HTML) 4 Page - Hongfa Technology

  HFKM/0121HST Datasheet HTML 1Page - Hongfa Technology HFKM/0121HST Datasheet HTML 2Page - Hongfa Technology HFKM/0121HST Datasheet HTML 3Page - Hongfa Technology HFKM/0121HST Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6>
Dak[dYae]j
S`] kh][a^a[Ylagf ak ^gj j]^]j]f[] gfdq3 R]] lg +S]jeafgdg_q Yf\ Gma\]daf]k+ ^gj egj] af^gjeYlagf3 Rh][a^a[Ylagfk kmZb][l lg [`Yf_] oal`gml fgla[]3
If [Yk] l`]j] ak kh][a^a[ [jal]jagf .km[` Yk eakkagf hjg^ad]1 l][`fa[Yd kh][a^a[Ylagf1 OOAO ]l[3/ [`][c]\ Yf\ Y_j]]\ Zq Yf\ Z]lo]]f [mklge]j Yf\ Hgf_^Y1
l`ak kh][a^a[ [jal]jagf k`gmd\ Z] lYc]f Yk klYf\Yj\ j]_Yj\af_ Yfq j]imaj]e]fl gf Hgf_^Y hjg\m[l3
V] [gmd\ fgl ]nYdmYl] Ydd l`] h]j^gjeYf[] Yf\ Ydd l`] hYjYe]l]jk ^gj ]n]jq hgkkaZd] Yhhda[Ylagf3 S`mk l`] mk]j k`gmd\ Z] af Y ja_`l hgkalagf lg [`ggk]
l`] kmalYZd] hjg\m[l ^gj l`]aj gof Yhhda[Ylagf3 I^ l`]j] ak Yfq im]jq1 hd]Yk] [gflY[l Hgf_^Y ^gj l`] l][`fa[Yd k]jna[]3 Hgo]n]j1 al ak l`] mk]jxk j]khgfkaZadalq
lg \]l]jeaf] o`a[` hjg\m[l k`gmd\ Z] mk]\ gfdq3
s WaYe]f Hgf_^Y Ed][ljgY[gmkla[ Cg31 Kl\3 Add ja_`lk g^ Hgf_^Y Yj] j]k]jn]\3
16/>/1@3>7?@71 1A>B3?
6/ S`] dgY\ Yf\ ]d][lja[Yd ]f\mjYf[] l]klk Yj] eY\]
Y[[gj\af_ lg yCNMSACS DASAz hYjYe]l]jkx lYZd]3
I^ Y[lmYd dgY\ ngdlY_]1 [mjj]fl1 gj gh]jYl] ^j]im]f[q
ak \a^^]j]fl ^jge yCNMSACS DASAz lYZd]1 hd]Yk]
YjjYf_] [gjj]khgf\af_ l]klk ^gj [gf^ajeYlagf3
7/ KgY\ daeal [mjn] 6? Yj[ ]plaf_mak`]k1 \mjaf_ ljYfkal
lae] .[`Yf_] gn]j [gflY[l/3
8/ KgY\ daeal [mjn] 7? kY^] k`ml\gof1 fg klYlagfYjq
Yj[ .eYc] [gflY[l/3
755
655
:5
65
536
537 538539 53:
6
:
65
75 85
:5
655
KgY\ daeal [mjn] 6
KgY\ daeal [mjn] 7
73 KgY\ daeal [mjn]
Roal[`af_ [mjj]fl .A/
65V
75V
:5V
655V
755V
:55V
6/ S`]j] k`gmd\ Z] fg [gflY[l dgY\ Yhhda]\ o`]f
eYpaeme [gflafmgmk gh]jYlagf ngdlY_] ak Yhhda]\
gf [gad3
7/ S`] gh]jYlaf_ ngdlY_] ak [gff][l]\ oal` [gad hj]2
]f]j_ar]\ lae] Yf\ ngdlY_]3 A^l]j hj]2]f]j_ar]\1
l`] gh]jYlaf_ ngdlY_] oadd af[j]Yk]3
8/ S`] eYpaeme YddgoYZd] [gad l]eh]jYlmj] ak 6=5 3
Fgj l`] [gad l]eh]jYlmj] jak] o`a[` ak e]Ykmj]\
Zq j]kaklYf[] ak Yn]jY_] nYdm]1 o] j][gee]f\
l`] [gad l]eh]jYlmj] k`gmd\ Z] Z]dgo 6:: mf\]j
l`] \a^^]j]fl Yhhda[Ylagf YeZa]fl1 \a^^]j]fl [gad
ngdlY_] Yf\ \a^^]j]fl dgY\ ]l[3
9/ I^ l`] Y[lmYd gh]jYlaf_ [gad ngdlY_] ak gml g^ l`]
kh][a^a]\ jYf_]1 hd]Yk] [gflY[l Hgf_^Y ^gj ^mjl`]j
\]lYadk3
63 Cgad gh]jYlaf_ ngdlY_] jYf_]
AeZa]fl l]eh]jYlmj] . /
755
6=5
6;5
695
675
655
=5
;5
95
75
5
295
275
5
75
95
;5
=5
655
675
TeYp3
Tha[c2mh .afalaYd/
Tha[c2mh .Y^l]j hj]2]f]j_arYlagf mf\]j Tfgea3
/


Similar Part No. - HFKM/0121HST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFKM/0121HST ETC2-HFKM/0121HST Datasheet
74Kb / 5P
   AUTOMOTIVE RELAY
More results

Similar Description - HFKM/0121HST

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com