Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C55A Datasheet(PDF) 23 Page - Intel Corporation

Part # 82C55A
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55A Datasheet(HTML) 23 Page - Intel Corporation

Back Button 82C55A Datasheet HTML 15Page - Intel Corporation 82C55A Datasheet HTML 16Page - Intel Corporation 82C55A Datasheet HTML 17Page - Intel Corporation 82C55A Datasheet HTML 18Page - Intel Corporation 82C55A Datasheet HTML 19Page - Intel Corporation 82C55A Datasheet HTML 20Page - Intel Corporation 82C55A Datasheet HTML 21Page - Intel Corporation 82C55A Datasheet HTML 22Page - Intel Corporation 82C55A Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
82C55A
WAVEFORMS (Continued)
MODE 2 (BIDIRECTIONAL)
231256 – 26
Note
Any sequence where WR occurs before ACK AND STB occurs before RD is permissible
(INTR e IBF
 MASK  STB  RD a OBF  MASK  ACK  WR)
WRITE TIMING
231256 – 27
READ TIMING
231256 – 28
AC TESTING INPUT OUTPUT WAVEFORM
231256 – 29
AC Testing Inputs Are Driven At 24V For A Logic 1 And 045V
For A Logic 0 Timing Measurements Are Made At 20V For A
Logic 1 And 08 For A Logic 0
AC TESTING LOAD CIRCUIT
231256 – 30
VEXT Is Set At Various Voltages During Testing To Guarantee
The Specification CL Includes Jig Capacitance
23


Similar Part No. - 82C55A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results

Similar Description - 82C55A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
   Programmable Peripheral Interface
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
   Programmable Peripheral Interface
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com