Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C55A Datasheet(PDF) 2 Page - Intel Corporation

Part # 82C55A
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55A Datasheet(HTML) 2 Page - Intel Corporation

  82C55A Datasheet HTML 1Page - Intel Corporation 82C55A Datasheet HTML 2Page - Intel Corporation 82C55A Datasheet HTML 3Page - Intel Corporation 82C55A Datasheet HTML 4Page - Intel Corporation 82C55A Datasheet HTML 5Page - Intel Corporation 82C55A Datasheet HTML 6Page - Intel Corporation 82C55A Datasheet HTML 7Page - Intel Corporation 82C55A Datasheet HTML 8Page - Intel Corporation 82C55A Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
82C55A
Table 1 Pin Description
Symbol
Pin Number
Type
Name and Function
Dip
PLCC
PA3–0
1–4
2–5
I O
PORT A PINS 0 – 3
Lower nibble of an 8-bit data output latch
buffer and an 8-bit data input latch
RD
56
I
READ CONTROL
This input is low during CPU read operations
CS
67
I
CHIP SELECT
A low on this input enables the 82C55A to
respond to RD and WR signals RD and WR are ignored
otherwise
GND
7
8
System Ground
A1–0
8–9
9–10
I
ADDRESS
These input signals in conjunction RD and WR
control the selection of one of the three ports or the control
word registers
A1
A0
RD
WR
CS
Input Operation (Read)
00010
Port A - Data Bus
01010
Port B - Data Bus
10010
Port C - Data Bus
11010
Control Word - Data Bus
Output Operation (Write)
00100
Data Bus - Port A
01100
Data Bus - Port B
10100
Data Bus - Port C
11100
Data Bus - Control
Disable Function
XXXX
1
Data Bus-3- State
X
X
1
1
0
Data Bus-3- State
PC7–4
10 – 13
1113 – 15
IO
PORT C PINS 4 – 7
Upper nibble of an 8-bit data output latch
buffer and an 8-bit data input buffer (no latch for input) This port
can be divided into two 4-bit ports under the mode control Each
4-bit port contains a 4-bit latch and it can be used for the control
signal outputs and status signal inputs in conjunction with ports
A and B
PC0–3
14–17
16–19
I O
PORT C PINS 0 – 3
Lower nibble of Port C
PB0-7
18 – 25
20 – 22
IO
PORT B PINS 0 – 7
An 8-bit data output latchbuffer and an 8-
24 – 28
bit data input buffer
VCC
26
29
SYSTEM POWER a
5V Power Supply
D7–0
27 – 34
30 – 33
IO
DATA BUS
Bi-directional tri-state data bus lines connected to
35 – 38
system data bus
RESET
35
39
I
RESET
A high on this input clears the control register and all
ports are set to the input mode
WR
36
40
I
WRITE CONTROL
This input is low during CPU write
operations
PA7–4
37–40
41–44
I O
PORT A PINS 4 – 7
Upper nibble of an 8-bit data output latch
buffer and an 8-bit data input latch
NC
1 12
No Connect
23 34
2


Similar Part No. - 82C55A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
More results

Similar Description - 82C55A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
   Programmable Peripheral Interface
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
   Programmable Peripheral Interface
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com