Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5362 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD5362/AD5363
Rev. A | Page 13 of
28
TYPICAL PERFORMANCE CHARACTERISTICS
0.0050
–0.0050
05
TIME (µs)
0
0.0025
–0.0025
12
34
TA = 25°C
VSS = –15V
VDD = +15V
VREF = +4.096V
2
–2
0
65535
DAC CODE
1
0
–1
16384
32768
49152
Figure 12. Digital Crosstalk
Figure 9. Typical AD5362 INL Plot
1.0
–1.0
08
TEMPERATURE (°C)
0
1.0
–1.0
0
65535
DAC CODE
0
0.5
–0.5
16384
32768
49152
0.5
0
–0.5
20
40
60
VDD = +15V
VSS = –15V
DVCC = +5V
VREF = +3V
Figure 13. Typical AD5362 DNL Plot
Figure 10. Typical INL Error vs. Temperature
–0.02
–0.01
0
02
468
1
TIME (µs)
600
0
05
FREQUENCY (Hz)
200
300
400
500
100
12
3
4
0
TA = 25°C
VSS = –15V
VDD = +15V
VREF = +4.096V
Figure 11. Analog Crosstalk Due to LDAC
Figure 14. Output Noise Spectral Density


Similar Part No. - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5362BCPZ AD-AD5362BCPZ Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5362BSTZ AD-AD5362BSTZ Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
More results

Similar Description - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com