Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5360 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5360
Description  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5360 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5360_15 Datasheet HTML 14Page - Analog Devices AD5360_15 Datasheet HTML 15Page - Analog Devices AD5360_15 Datasheet HTML 16Page - Analog Devices AD5360_15 Datasheet HTML 17Page - Analog Devices AD5360_15 Datasheet HTML 18Page - Analog Devices AD5360_15 Datasheet HTML 19Page - Analog Devices AD5360_15 Datasheet HTML 20Page - Analog Devices AD5360_15 Datasheet HTML 21Page - Analog Devices AD5360_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD5360/AD5361
Rev. A | Page 17 of 28
OUTPUT AMPLIFIER
Because the output amplifiers can swing to 1.4 V below the
positive supply and 1.4 V above the negative supply, this limits
how much the output can be offset for a given reference voltage.
For example, it is not possible to have a unipolar output range of
20 V because the maximum supply voltage is ±16.5 V.
CLR
CLR
CLR
DAC
CHANNEL
OFFSET
DAC
OUTPUT
R6
10kΩ
R2
20kΩ
S3
S2
S1
R4
60kΩ
R3
20kΩ
SIGGND
SIGGND
R5
60kΩ
R1
20kΩ
Figure 23. Output Amplifier and Offset DAC
Figure 23 shows details of a DAC output amplifier and its
connections to the offset DAC. On power-up, S1 is open,
disconnecting the amplifier from the output. S3 is closed, so
the output is pulled to SIGGND. S2 is also closed to prevent
the output amplifier from being open-loop. If CLR is low at
power-up, the output remains in this condition until CLR is
taken high. The DAC registers can be programmed, and the
outputs assume the programmed values when CLR is taken
high. Even if CLR is high at power-up, the output remains
in this condition until VDD > 6 V and VSS < −4 V and the
initialization sequence has finished. The outputs then go to
their power-on default values.
TRANSFER FUNCTION
The output voltage of a DAC in the AD5360/AD5361 is dependent
on the value in the input register, the value of the M and C
registers, and the value in the offset DAC. The transfer functions
for the AD5360/AD5361 are shown in the following sections.
AD5360 Transfer Function
The input code is the value in the X1A or X1B register that is
applied to DAC (X1A, X1B default code = 32,768)
DAC_CODE = INPUT_CODE × (M + 1)/216 + C − 215
DAC output voltage
VOUT = 4 × VREF × (DAC_CODE − (OFFSET_CODE × 4))/
216 + VSIGGND
where:
DAC_CODE should be within the range of 0 to 65,535.
VREF = 3.0 V, for a 12 V span.
VREF = 5.0 V, for a 20 V span.
M = code in gain register − default code = 216 – 1.
C = code in offset register − default code = 215.
OFFSET_CODE is the code loaded to the offset DAC. It is
multiplied by 4 in the transfer function because this DAC is a
14-bit device. On power-up, the default code loaded to the
offset DAC is 8192 (0x2000). With a 10 V reference, this gives
a span of −10 V to +10 V.
AD5361 Transfer Function
The input code is the value in the X1A or X1B register that is
applied to DAC (X1A, X1B default code = 8192)
DAC_CODE = INPUT_CODE × (M + 1)/214 + C − 213
DAC output voltage
VOUT = 4 × VREF × (DAC_CODE − OFFSET_CODE)/214 +
VSIGGND
where:
DAC_CODE should be within the range of 0 to 16,383.
VREF = 3.0 V, for a 12 V span.
VREF = 5.0 V, for a 20 V span.
M = code in gain register − default code = 214 − 1.
C = code in offset register − default code = 213.
OFFSET_CODE is the code loaded to the offset DAC.
On power-up, the default code loaded to the offset DAC
is 8192 (0x2000). With a 5 V reference, this gives a span of
−10 V to +10 V.
REFERENCE SELECTION
The AD5360/AD5361 have two reference input pins. The
voltage applied to the reference pins determines the output
voltage span on VOUT0 to VOUT15. VREF0 determines the
voltage span for VOUT0 to VOUT7 (Group 0), and VREF1
determines the voltage span for VOUT8 to VOUT15 (Group 1).
The reference voltage applied to each VREF pin can be different,
if required, allowing each group of eight channels to have a
different voltage span. The output voltage range and span can
be adjusted by programming the offset register and gain register
for each channel as well as programming the offset DAC. If the
offset and gain features are not used (that is, the M and C
registers are left at their default values), the required reference
levels can be calculated as follows:
VREF = (VOUTMAX − VOUTMIN)/4
If the offset and gain features of the AD5360/AD5361 are used,
the required output range is slightly different. The chosen
output range should take into account the system offset and
gain errors that need to be trimmed out. Therefore, the chosen
output range should be larger than the actual, required range.
The required reference levels can be calculated as follows:
1.
Identify the nominal output range on VOUT.
2.
Identify the maximum offset span and the maximum gain
required on the full output signal range.
3.
Calculate the new maximum output range on VOUT,
including the expected maximum offset and gain errors.


Similar Part No. - AD5360_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360BCPZ-REEL71 AD-AD5360BCPZ-REEL71 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BCPZ1 AD-AD5360BCPZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ-REEL1 AD-AD5360BSTZ-REEL1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ1 AD-AD5360BSTZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Similar Description - AD5360_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com