Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT16H244ETPVB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT16H244ETPVB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16H244ETPVB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT16H244ETPVB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16H244ETPVB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
1
Y1
1
Y2
1
Y3
1
Y4
1
A1
1
A2
1
A3
1
A4
2
OE
2
A1
2
A2
2
A3
2
A4
2
Y1
2
Y2
2
Y3
2
Y4
2544 drw 01
1
OE
3
OE
3
A1
3
A2
3
A3
3
A4
3
Y1
3
Y2
3
Y3
3
Y4
4
OE
4
A1
4
A2
4
A3
4
A4
4
Y1
4
Y2
4
Y3
4
Y4
2544 drw 02
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
5.2
DSC-2544/9
15
FAST CMOS 16-BIT
BUFFER/LINE DRIVER
IDT54/74FCT16244T/AT/CT/ET
IDT54/74FCT162244T/AT/CT/ET
IDT54/74FCT166244T/AT/CT
IDT54/74FCT162H244T/AT/CT/ET
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤ 1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
• Features for FCT16244T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162244T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C
• Features for FCT166244T/AT/CT:
Light Drive Balanced Output:
±8mA (commercial),
±6mA (military)
Minimal system switching noise
Typical VOLP (Output Ground Bounce) < 0.25V at
VCC = 5V,TA = 25
°C
• Features for FCT162H244T/AT/CT/ET:
Bus-Hold retains last active bus state during 3-state
Eliminates the need for external pull up resistors
DESCRIPTION:
The16-BitBuffer/LineDriverisforbusinterfaceorsignalbuffering
applications requiring high speed and low power dissipation. These
devices have a flow through pin organization, and shrink packaging
to simplify board layout. All inputs are designed with hysteresis for
improved noise margin. The three-state controls allow independent
4-bit, 8-bit or combined 16-bit operation. These parts are plug in
replacements for 54/74ABT16244 where higher speed, lower noise
or lower power dissipation levels are desired.
The FCT16244T/AT/CT/ET are ideally suited for driving
high capacitance loads (>200pF) and low impedance
backplanes. These "high drive" buffers are designed with
power off disable capability to allow "live insertion" of boards
when used in a backplane interface.
The FCT162244T/AT/CT/ET have balanced output current
levels and current limiting resistors. These offer low ground
bounce, minimal undershoot, and controlled output fall times,
reducing the need for external series terminating resistors
while still providing very high speed operation for loads of less
than 200pF.
The FCT166244T/AT/CT are suited for very low noise,
point-to-point driving where there is a single receiver, or a very
light lumped load (<100pF). The buffers are designed to limit
the output current to levels which will avoid noise and ringing
on the signal lines without using external series terminating
resistors.
The FCT162H244T/AT/CT/ET have "Bus-Hold" which re-
tains the input's last state whenever the input goes to high
impedance. This prevents "floating" inputs and eliminates the
need for pull-up/down resistors.


Similar Part No. - IDT54FCT16H244ETPVB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16H245ATE IDT-IDT54FCT16H245ATE Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATEB IDT-IDT54FCT16H245ATEB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPA IDT-IDT54FCT16H245ATPA Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPAB IDT-IDT54FCT16H245ATPAB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT54FCT16H245ATPF IDT-IDT54FCT16H245ATPF Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT16H244ETPVB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com