Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE82A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P6KE82A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE82A Datasheet(HTML) 5 Page - Vishay Siliconix

  P6KE82A Datasheet HTML 1Page - Vishay Siliconix P6KE82A Datasheet HTML 2Page - Vishay Siliconix P6KE82A Datasheet HTML 3Page - Vishay Siliconix P6KE82A Datasheet HTML 4Page - Vishay Siliconix P6KE82A Datasheet HTML 5Page - Vishay Siliconix P6KE82A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P6KE6.8A thru P6KE540A
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
5
Document Number: 88369
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
APPLICATION NOTES
• This P6KE TVS series is a low cost commercial product for
use in applications where large voltage transients can
permanently damage voltage-sensitive components.
• The P6KE series device types are designed in a small
package size where power and space is a consideration.
They are characterized by their high surge capability,
extremely fast response time, and low impedance, (Ron).
Because of the unpredictable nature of transients, and the
variation of the impedance with respect to these
transients, impedance, per se, is not specified as a
parametric value. However, a minimum voltage at low
current conditions (BV) and a maximum clamping voltage
(Vc) at a maximum peak pulse current is specified.
• In some instances, the thermal effect (see Vc Clamping
Voltage) may be responsible for 50 % to 70 % of the
observed voltage differential when subjected to high
current pulses for several duty cycles, thus making a
maximum impedance specification insignificant.
• In case of a severe current overload or abnormal transient
beyond the maximum ratings, the Transient Voltage
Suppressor will initially fail ‘short’ thus tripping the
system’s circuit breaker or fuse while protecting the entire
circuit. Curves depicting clamping voltage vs. various
current pulses are available from the factory. Extended
power curves vs. pulse time are also available.
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.


Similar Part No. - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE82A MOTOROLA-P6KE82A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE82A STMICROELECTRONICS-P6KE82A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
TAITRON Components Inco...
P6KE82A TAITRON-P6KE82A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Jinan Jing Heng Electro...
P6KE82A JINGHENG-P6KE82A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
SUNMATE electronic Co.,...
P6KE82A SUNMATE-P6KE82A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com