Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC910L0NSZ Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC910L0NSZ Datasheet(HTML) 3 Page - Sharp Electrionic Components

  PC910L0NSZ Datasheet HTML 1Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 2Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 3Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 4Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 5Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 6Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 7Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 8Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Date code (2 digit)
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
5
6
7
8
9
O
N
D
Month
January
February
March
April
May
June
July
August
September
October
November
December
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
1st digit
Year of production
3
repeats in a 20 year cycle
Sheet No.: D2-A05601EN
PC910L0NSZ Series
Country of origin
Japan


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn